Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7242 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7242
Description  Long Range Fixed Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7242 Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7242_07 Datasheet HTML 1Page - Intersil Corporation ICM7242_07 Datasheet HTML 2Page - Intersil Corporation ICM7242_07 Datasheet HTML 3Page - Intersil Corporation ICM7242_07 Datasheet HTML 4Page - Intersil Corporation ICM7242_07 Datasheet HTML 5Page - Intersil Corporation ICM7242_07 Datasheet HTML 6Page - Intersil Corporation ICM7242_07 Datasheet HTML 7Page - Intersil Corporation ICM7242_07 Datasheet HTML 8Page - Intersil Corporation ICM7242_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN2866.4
February 9, 2007
Test Circuit
Application Information
Operating Considerations
Shorting the RC terminal or output terminals to VDD may
exceed dissipation ratings and/or maximum DC current limits
(especially at high supply voltages).
There is a limitation of 50pF maximum loading on the TB I/O
terminal if the timebase is being used to drive the counter
section. If higher value loading is used, the counter sections
may miscount.
For greatest accuracy, use timing component values shown
in Figure 8. For highest frequency operation it will be
desirable to use very low values for the capacitor; accuracy
will decrease for oscillator frequencies in excess of 200kHz.
The timing capacitor should be connected between the RC
pin and the positive supply rail, VDD, as shown in Figure 1.
When system power is turned off, any charge remaining on
the capacitor will be discharged to ground through a large
internal diode between the RC node and VSS. Do NOT
reference the timing capacitor to ground, since there is no
high current path in this direction to safely discharge the
capacitor when power is turned off. The discharge current
from such a configuration could potentially damage the
device.
When driving the counter section from an external clock, the
optimum drive waveform is a square wave with an amplitude
equal to the supply voltage. If the clock is a very slow ramp
triangular, sine wave, etc., it will be necessary to “square up”
the waveform; this can be done by using two CMOS
inverters in series, operating from the same supply voltage
as the ICM7242.
The ICM7242 is a non-programmable timer whose principal
applications will be very low frequency oscillators and long
range timers; it makes a much better low frequency
oscillator/timer than a 555 or ICM7555, because of the on-
chip 8-bit counter. Also, devices can be cascaded to produce
extremely low frequency signals.
Because outputs will not be ANDed, output inverters are
used instead of open drain N-Channel transistors, and the
external resistors used for the 2242 will not be required for
the ICM7242. The ICM7242 will, however, plug into a socket
for the 2242 having these resistors.
The timing diagram for the ICM7242 is shown in Figure 1.
Assuming that the device is in the RESET mode, which
occurs on power up or after a positive signal on the RESET
terminal (if TRIGGER is low), a positive edge on the trigger
input signal will initiate normal operation. The discharge
transistor turns on, discharging the timing capacitor C, and
all the flip-flops in the counter chain change states. Thus, the
outputs on terminals 2 and 3 change from high to low states.
After 128 negative timebase edges, the
÷28 output returns to
the high state.
NOTE:
4.
÷21 and ÷28 outputs are inverters and have active pullups.
VDD
÷21 (RC/2) OUTPUT
1
2
3
4
8
7
6
5
TIME BASE INPUT/OUTPUT
R
TRIGGER
RESET
C
VDD
÷28 (RC/256) OUTPUT
TIME BASE PERIOD = 1.0RC;
1s = 1M
Ω x 1µF
TRIGGER INPUT
(TERMINAL 6)
TIMEBASE INPUT
(TERMINAL 8)
÷2 OUTPUT
(TERMINAL 2)
÷128/256 OUTPUT
(TERMINAL 3) (ASTABLE
OR “FREE RUN” MODE)
÷128/256 OUTPUT
(TERMINAL 3)
OR “ONE SHOT” MODE)
(MONOSTABLE
128RC
128RC
128RC
FIGURE 1. TIMING DIAGRAMS OF OUTPUT WAVEFORMS
FOR THE ICM7242 (COMPARE WITH FIGURE 5)
OUTPUTS
1
2
3
4
8
7
6
5
>3/4 (V+)
VDD
fIN
VDD
fIN/2
fIN/256
<1/4 (V+)
FIGURE 2. USING THE ICM7242 AS A RIPPLE COUNTER
(DIVIDER)
ICM7242
ICM7242


Similar Part No. - ICM7242_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7242C/D MAXIM-ICM7242C/D Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Intersil Corporation
ICM7242CBA INTERSIL-ICM7242CBA Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242CBAZ INTERSIL-ICM7242CBAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242CBAZ RENESAS-ICM7242CBAZ Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242D INTERSIL-ICM7242D Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7242_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
   IC for long interval timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com