Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7242CBAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICM7242CBAZ
Description  Long Range Fixed Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7242CBAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICM7242CBAZ Datasheet HTML 2Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 3Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 4Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 5Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 6Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 7Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 8Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 9Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN2866.4
February 9, 2007
FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs TEMPERATURE
FIGURE 14. MAXIMUM DIVIDER FREQUENCY vs SUPPLY
VOLTAGE
FIGURE 15. DISCHARGE OUTPUT CURRENT vs DISCHARGE
OUTPUT VOLTAGE
FIGURE 16. OUTPUT SATURATION CURRENT vs OUTPUT
SATURATION VOLTAGE
Typical Performance Curves (Continued)
TEMPERATURE (°C)
-25
0
25
50
75
+5
+4
+3
+2
+1
0
-1
-2
-3
-4
-5
5V
≤ V
DD ≤ 15V
R = 10M
Ω
C = 0.1µF
R = 1k
Ω
C = 0.1µF
SUPPLY VOLTAGE (V)
2
10
1214
161820
100M
10M
1M
100k
10k
TA = +25°C
8
6
4
RC CONNECTED
TO GROUND
0
DISCHARGE SATURATION VOLTAGE (V)
0.01
0.1
1
10
0.1
100
10
1
TA = +25°C
VDD = 5V
VDD = 2V
VDD = 15V
OUTPUT SATURATION VOLTAGE (V)
0.01
0.1
1
10
0.1
100
10
1
TA = +25°C
VDD = 5V
VDD = 2V
VDD = 15V
ICM7242
ICM7242


Similar Part No. - ICM7242CBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7242CBAZ INTERSIL-ICM7242CBAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242CBAZ RENESAS-ICM7242CBAZ Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results

Similar Description - ICM7242CBAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
   IC for long interval timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com