Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC9P5504B-5ZX96 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC9P5504B-5ZX96
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5504B-5ZX96 Datasheet(HTML) 8 Page - Intersil Corporation

  HC9P5504B-5ZX96 Datasheet HTML 1Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 2Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 3Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 4Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 5Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 6Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 7Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 8Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Overvoltage Protection and Longitudinal
Current Protection
The SLIC device, in conjunction with an external protection
bridge, will withstand high voltage lightning surges and
power line crosses.
High voltage surge conditions are as specified in Table 1.
The SLIC will withstand longitudinal currents up to a
maximum or 30mARMS, 15mARMS per leg, without any
performance degradation.
LOGIC GATE SCHEMATIC
Schematic Diagram (Continued)
15
5
6
12
4
16
13
A
B
C
C
B
A
TTL
TO
STTL
TTL
TO
STTL
TTL
TO
STTL
TO
R21
GKD
SHD
RD
PD
RC
RS
C2
TTL
TO
STTL
TTL
TO
STTL
DELAY
LOGIC BIAS
RELAY
DRIVER
SH
GK
11
14
3
9
7
8
10
2
1
SCHOTTKY LOGIC
TABLE 1.
PARAMETER
TEST
CONDITION
PERFORMANCE
(MAX)
UNITS
Longitudinal
Surge
10
µs Rise/
±1000 (Plastic)
VPEAK
1000
µs Fall
±500 (Ceramic)
VPEAK
Metallic Surge
10
µs Rise/
±1000 (Plastic)
VPEAK
1000
µs Fall
±500 (Ceramic)
VPEAK
T/GND
10
µs Rise/
±1000 (Plastic)
VPEAK
R/GND
1000
µs Fall
±500 (Ceramic)
VPEAK
50/60Hz Current
T/GND
11 Cycles
700 (Plastic)
VRMS
R/GND
Limited to
10ARMS
350 (Ceramic)
VRMS
HC-5504B


Similar Part No. - HC9P5504B-5ZX96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5504B-5ZX96 INTERSIL-HC9P5504B-5ZX96 Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC9P5504B-5ZX96 RENESAS-HC9P5504B-5ZX96 Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
More results

Similar Description - HC9P5504B-5ZX96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com