Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2373IDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2373IDRG4
Description  FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2373IDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2373IDRG4 Datasheet HTML 1Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 2Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 3Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 4Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 5Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 6Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 7Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 8Page - Texas Instruments TLV2373IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270D − MARCH 2001 − REVISED JANUARY 2005
1
WWW.TI.COM
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Rail-To-Rail Input/Output
D Wide Bandwidth ...3 MHz
D High Slew Rate . . . 2.4 V/µs
D Supply Voltage Range . . . 2.7 V to 16 V
D Supply Current . . . 550 µA/Channel
D Low Power Shutdown Mode
IDD(SHDN) ... 25 µA/Channel
D Input Noise Voltage . . . 39 nV/√Hz
D Input Bias Current...1 pA
D Specified Temperature Range
−40
°C to 125°C . . . Industrial Grade
D Ultrasmall Packaging
5 or 6 Pin SOT-23 (TLV2370/1)
8 or 10 Pin MSOP (TLV2372/3)
description
The TLV237x single supply operational amplifiers provide rail-to-rail input and output capability. The TLV237x
takes the minimum operating supply voltage down to 2.7 V over the extended industrial temperature range while
adding the rail-to-rail output swing feature. The TLV237x also provides 3-MHz bandwidth from only 550
µA. The
maximum recommended supply voltage is 16 V, which allows the devices to be operated from (
±8 V supplies
down to
±1.35 V) a variety of rechargeable cells.
The CMOS inputs enable use in high-impedance sensor interfaces, with the lower voltage operation making
an ideal alternative for the TLC227x in battery-powered applications. The rail-to-rail input stage further
increases its versatility. The TLV237x is the seventh member of a rapidly growing number of RRIO products
available from TI, and it is the first to allow operation up to 16-V rails with good ac performance.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in the TSSOP package.
The 2.7-V operation makes the TLV237x compatible with Li-Ion powered systems and the operating supply
voltage range of many micro-power microcontrollers available today including TI’s MSP430.
SELECTION OF SIGNAL AMPLIFIER PRODUCTS†
DEVICE
VDD (V)
VIO
(
µV)
Iq/Ch
(
µA)
IIB (pA)
GBW
(MHz)
SR
(V/
µs)
SHUTDOWN
RAIL-
TO-
RAIL
SINGLES/DUALS/QUADS
TLV237x
2.7−16
500
550
1
3
2.4
Yes
I/O
S/D/Q
TLC227x
4−16
300
1100
1
2.2
3.6
O
D/Q
TLV27x
2.7−16
500
550
1
3
2.4
O
S/D/Q
TLC27x
3−16
1100
675
1
1.7
3.6
S/D/Q
TLV246x
2.7−6
150
550
1300
6.4
1.6
Yes
I/O
S/D/Q
TLV247x
2.7−6
250
600
2
2.8
1.5
Yes
I/O
S/D/Q
TLV244x
2.7−10
300
725
1
1.8
1.4
O
D/Q
† Typical values measured at 5 V, 25°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001−2005, Texas Instruments Incorporated
Operational Amplifier
+


Similar Part No. - TLV2373IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373IDRG4 TI1-TLV2373IDRG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
More results

Similar Description - TLV2373IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com