Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374IDG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374IDG4
Description  FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2374IDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2374IDG4 Datasheet HTML 6Page - Texas Instruments TLV2374IDG4 Datasheet HTML 7Page - Texas Instruments TLV2374IDG4 Datasheet HTML 8Page - Texas Instruments TLV2374IDG4 Datasheet HTML 9Page - Texas Instruments TLV2374IDG4 Datasheet HTML 10Page - Texas Instruments TLV2374IDG4 Datasheet HTML 11Page - Texas Instruments TLV2374IDG4 Datasheet HTML 12Page - Texas Instruments TLV2374IDG4 Datasheet HTML 13Page - Texas Instruments TLV2374IDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270D − MARCH 2001 − REVISED JANUARY 2005
10
WWW.TI.COM
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
0
2
4
6
8
10
12
14
15
0
20
40
60
80
100 120 140 160
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 15 V
TA =125°C
TA =70°C
TA =25°C
TA =0°C
TA =−40°C
Figure 11
0
2
4
6
8
10
12
14
15
0
20
40
60
80
100 120 140 160
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 15 V
TA = −40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C
Figure 12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
10
100
1 k
10 k
100 k
1 M
10 M
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
AV = −10
RL = 2 kΩ
CL = 10 pF
TA = 25°C
THD = 5%
VDD = 15 V
VDD = 5 V
VDD = 2.7 V
Figure 13
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
AV = 1
VIC = VDD / 2
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 14
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k
1 M
VDD = 5 V, 15 V
TA = 25°C
VDD = 2.7 V
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
Figure 15
−40
−20
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k 1 M
10 M
−180
−135
−90
−45
0
45
90
135
180
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f − Frequency − Hz
VDD=5 Vdc
RL=2 kΩ
CL=10 pF
TA=25°C
Phase
Gain
Figure 16
0
0.5
1
1.5
2
2.5
3
3.5
4
−40 −25 −10 5
20 35 50 65 80 95 110 125
GAIN BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 15 V
VDD = 2.7 V
VDD = 5 V


Similar Part No. - TLV2374IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2374IDG4 TI1-TLV2374IDG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
More results

Similar Description - TLV2374IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com