Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-2118 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SPA-2118
Description  850 MHz 1 Watt Power Amplifier with Active Bias
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-2118 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SPA-2118 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 5Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EDS-102012 Rev F
Phone: (800) SMI-MMIC
http://www.sirenza.com
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
SPA-2118 850 MHz 1 Watt Power Amp.
850 - 950 MHz Schematic
850 - 950 MHz Evaluation Board Layout
Vcc
6.8pF
33 nH
39pF
10uF Tantalum
100pF
15pF
2.2nH
1000pF
82pF
6.8K
330 Ohm
1200pF
5
6
7
8
4
3
2
1
Z=50
Ω, 15.1°
I
C2
I
C1
I
BIAS
Vpc
External Connection
Vpc
Eval Board
ECB-101161 Rev. C
SOIC-8 PA
Vcc
C8
C3
C1
L2
C6
C5
L1
C7
C4
C2
2012
R2
R1
Sirenza Microdevices
.
s
e
D
.
f
e
Re
u
l
a
Vr
e
b
m
u
N
t
r
a
P
1
C%
5
,
F
p
5
1s
e
ir
e
s
8
1
H
C
M
m
h
o
R
2
C%
5
,
F
p
2
8s
e
ir
e
s
8
1
H
C
M
m
h
o
R
3
C%
0
1
,
F
u
0
1R
0
2
0
K
6
0
1
B
J
A
T
X
V
A
4
C%
5
,
F
p
0
0
0
1s
e
ir
e
s
8
1
H
C
M
m
h
o
R
5
C%
5
,
F
p
9
3s
e
ir
e
s
8
1
H
C
M
m
h
o
R
6
C%
5
,
F
p
0
0
2
1s
e
ir
e
s
8
1
H
C
M
m
h
o
R
7
CF
p
5
.
0
±
,
F
p
8
.
6s
e
ir
e
s
8
1
H
C
M
m
h
o
R
8
C%
5
,
F
p
0
0
1s
e
ir
e
s
8
1
H
C
M
m
h
o
R
1
LH
n
3
.
0
±
,
H
n
2
.
2s
e
ir
e
s
S
F
-
8
0
6
1
L
L
o
k
o
T
2
L%
5
,
H
n
3
3s
e
ir
e
s
Q
H
8
0
0
1
tf
a
r
c
li
o
C
1
R%
5
,
m
h
O
K
8
.
6s
e
ir
e
s
3
0
R
C
M
m
h
o
R
2
R%
5
,
m
h
O
0
3
3s
e
ir
e
s
3
0
R
C
M
m
h
o
R


Similar Part No. - SPA-2118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-2118

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com