Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF-3043 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SPF-3043
Description  Low Noise pHEMT GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPF-3043 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SPF-3043 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPF-3043 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPF-3043 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPF-3043 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPF-3043 Low Noise pHEMT GaAs FET
3
EDS-101772 Rev D
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary
Pending Obsolescence
5
10
15
20
25
30
35
02
46
8
10
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
02
46
8
10
-60
-50
-40
-30
-20
-10
0
Typical Performance - De-embedded S-Parameters
Note: S-parameters are de-embedded to the device leads with Z
S=ZL=50Ω. The device was mounted on a 0.010” PCB with plated-thru
holes close to pins 2 and 4. De-embedded s-parameters can be downloaded from our website (www.sirenza.com).
Gain vs Frequency (3V,20mA)
Gain vs Frequency (5V,40mA)
Gain
Gmax
Gain
Gmax
Frequency (GHz)
Frequency (GHz)
S11,S22 vs Frequency (3V,20mA)
S11,S22 vs Frequency (5V,40mA)
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
1 GHz
4 GHz
10 GHz
8 GHz
6 GHz
3 GHz
2 GHz
S11
S22
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
1 GHz
4 GHz
10 GHz
8 GHz
6 GHz
3 GHz
2 GHz
S11
S22
Isolation
Isolation
Typical Performance - Noise Parameters
q
e
r
F
)
z
H
G
(
V
S
D
)
V
(
I
S
D
)
A
m
(
F
N
N
I
M
]
7
[
)
B
d
(
Γ
Γ
Γ
Γ
Γ
T
P
O
g
a
M
g
n
A
r
N
x
a
m
G
)
B
d
(
0
9
.
0
30
25
2
.
09
7
.
0
∠ 2
12
2
.
05
.
5
2
50
42
3
.
05
7
.
0
∠ 2
15
2
.
05
.
6
2
0
9
.
1
30
20
5
.
02
6
.
0
∠ 4
39
1
.
04
.
2
2
50
44
5
.
02
6
.
0
∠ 3
30
2
.
03
.
3
2
[7]
Z
SOPT, ZL=ZL*, NFMIN is a noise parameter for which the input matching circuit losses have been de-emebedded. The noise
parameters were measured using a Maury Microwave Automated Tuner System. The device was mounted on a 0.010” PCB with plated-
thru holes close to pins 2 and 4.


Similar Part No. - SPF-3043

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPF-3043 STANFORD-SPF-3043 Datasheet
171Kb / 3P
   Low Noise pHEMT GaAs FET
More results

Similar Description - SPF-3043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-3143 SIRENZA-SPF-3143 Datasheet
422Kb / 3P
   Low Noise pHEMT GaAs FET
SPF-3143Z SIRENZA-SPF-3143Z Datasheet
116Kb / 3P
   Low Noise pHEMT GaAs FET
logo
Stanford Microdevices
SPF-3043 STANFORD-SPF-3043 Datasheet
171Kb / 3P
   Low Noise pHEMT GaAs FET
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
SPF-2086TK SIRENZA-SPF-2086TK Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation
logo
Analog Devices
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
   GaAs pHEMT LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com