Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF-5043Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SPF-5043Z
Description  400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPF-5043Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SPF-5043Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SPF-5043Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPF-5043Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPF-5043Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPF-5043Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SPF-5043Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Broomfield, CO 80021
5
EDS-105475 Rev B
Advanced Information
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5043Z GaAs Low Noise MMIC Amplifier
Broadband Application Circuit Schematic (400 - 3000MHz)
Evaluation Board Layout
RF out
RF in
Vs
100nH
0.1uF
100pF
100pF
SPF-5043Z
2,4
31
100pF
C4
C3
C2
L1
C1
Bill of Materials
C1
1x TAJB104KLRH Rohm 0.1uF
C2
1x MCH185A101JK Rohm 100pF
C3
1x MCH185A101JK Rohm 100pF
C4
1x MCH185A101JK Rohm 100pF
L1
1x LL1608-FSR10J Toko 100nH


Similar Part No. - SPF-5043Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z-EVB1 RFMD-SPF-5043Z-EVB1 Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
More results

Similar Description - SPF-5043Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-5122Z SIRENZA-SPF-5122Z Datasheet
141Kb / 6P
   400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com