Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71HFR40 Datasheet(PDF) 7 Page - International Rectifier

Part # 71HFR40
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

71HFR40 Datasheet(HTML) 7 Page - International Rectifier

  71HFR40 Datasheet HTML 1Page - International Rectifier 71HFR40 Datasheet HTML 2Page - International Rectifier 71HFR40 Datasheet HTML 3Page - International Rectifier 71HFR40 Datasheet HTML 4Page - International Rectifier 71HFR40 Datasheet HTML 5Page - International Rectifier 71HFR40 Datasheet HTML 6Page - International Rectifier 71HFR40 Datasheet HTML 7Page - International Rectifier 71HFR40 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
70HF(R) Series
7
Bulletin I20202 rev. F 01/05
www.irf.com
Fig. 11 - Forward Voltage Drop Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
300
400
500
600
700
800
900
1000
1100
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
70HF(R) Series
Initial T = T Max.
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
J
200
300
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
70HF(R) Series
Initial T = T Max.
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
J
1
10
100
1000
00.511.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T = T Max.
J
J
70HF(R) Series
0.001
0.01
0.1
1
10
0.0001 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.45 K/W
(DC Operation)
thJC
70HF(R) Series
Fig. 12 - Thermal Impedance Z
thJC Characteristics
Fig. 13 - Forward Voltage Drop Characteristics
Instantaneous Forward Voltage (V)


Similar Part No. - 71HFR40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71HFR40 VISHAY-71HFR40 Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
71HFR40M VISHAY-71HFR40M Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
More results

Similar Description - 71HFR40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com