Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM-2016 Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

Part # SRM-2016
Description  1700 - 2300 MHz High Linearity Active Receive Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SRM-2016 Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

  SRM-2016 Datasheet HTML 1Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 2Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 3Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 4Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 5Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 6Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 7Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 8Page - SIRENZA MICRODEVICES SRM-2016 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
6
EDS-102101 Rev D
SRM-2016 SiGe Active Receive Mixer
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage (Vcc)
+6.0
VDC
LO Input (LOP+LON)
+10
dBm
RF Input (RFP, RFN)
+15
dBm
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation the
device voltage and current must not exceed the maximum oper-
ating values specified in the table on page one.
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
SRM-2016
7”
1000
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Pin Out Description
Pin #
Function
Description
Additional Comments
1
IFP
IF output, positive terminal
Nominal DC voltage is 1.6V. Output should be AC-coupled
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
RFP
RF input, positive terminal
Nominal DC voltage is 2.1V. (Internally biased) Input should be AC-coupled.
5
RFN
RF input, negative terminal
Nominal DC voltage is 2.1V. (Internally biased) Input should be AC-coupled.
6
VEE
Ground
7
VCC
Positive supply (+5V)
8
L1
External inductor terminal
Nominal DC voltage is 5V, provided through off chip inductors.
9
L2
External inductor terminal
Nominal DC voltage is 5V, provided through off chip inductors.
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
LON
LO input, negative terminal
Nominal DC voltage is 2.4V. (Internally biased) Input should be AC-coupled.
13
LOP
LO input, positive terminal
Nominal DC voltage is 2.4V. (Internally biased) Input should be AC-coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
IFN
IF output, negative terminal
Nominal DC voltage is 1.6V. Output should be AC-coupled.
Package Dimensions (“16” Package)
NOTES:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±.004" (0.1mm) UNLESS OTHERWISE
SPECIFIED.
3. COPLANARITY: .004" (0.1mm)
4. CONTROLLING DIMENSION IS MILLIMETER,
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153.
Lot #
SRM
2016
XZZZZ
Part #
Dimensions in inches (mm)
0.118
(3.0)
0.118
(3.0)
0.049
(1.25)
0.272 (6.9)
0.035
(0.9)
φ0.010 (0.25) via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in inches (mm)
0.012 (0.30)
0.014 (0.35)
0.024
(0.63)
0.028
(0.7)
Suggested PCB Pad Layout


Similar Part No. - SRM-2016

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
More results

Similar Description - SRM-2016

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0781 ATMEL-T0781 Datasheet
462Kb / 18P
   1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com