Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA-6033 Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # STA-6033
Description  4.9 - 5.9 GHz 3.3V Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STA-6033 Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  STA-6033 Datasheet HTML 1Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 2Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 3Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 4Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 5Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 6Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 7Page - SIRENZA MICRODEVICES STA-6033 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS-103643 Rev F
STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Data (Vcc = Vpc = 3.3V, Iq = 165mA)
802.11a EVM, OFDM, 54Mb/s, 64QAM
EVM vs Pout, F=4.9GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4
6
8
1012
1416
1820
POUT(dBm)
+25c
0c
-40c
+70c
+85c
EVM vs Pout, T=25c
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4
6
8
101214
1618
20
Pout(dBm)
4.9GHz
5.15GHz
5.35GHz
5.725GHz
5.875GHz
EVM vs Pout, F=5.15GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4
6
8
10
1214
1618
20
POUT(dBm)
+25c
0c
-40c
+70c
+85c
EVM vs Pout, F=5.35GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4
6
8
10
1214
1618
20
POUT(dBm)
+25c
0c
-40c
+70c
+85c
EVM vs Pout, F=5.725GHz
0
1
2
3
4
5
6
4
6
8
10
12
14
16
18
20
POUT(dBm)
+25c
0c
-40c
+70c
+85c
EVM vs Pout, F=5.875GHz
0
1
2
3
4
5
6
7
4
6
8
10
12
14
16
18
20
POUT(dBm)
+25c
0c
-40c
+70c
+85c


Similar Part No. - STA-6033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA-6033 ETC-STA-6033 Datasheet
264Kb / 8P
   Product Description
More results

Similar Description - STA-6033

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com