Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA-6033Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # STA-6033Z
Description  4.9 - 5.9 GHz 3.3V Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STA-6033Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  STA-6033Z Datasheet HTML 1Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 2Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 3Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 4Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 5Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 6Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 7Page - SIRENZA MICRODEVICES STA-6033Z Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
EDS-103643 Rev F
STA-6033 4.9-5.9 GHz Power Amp
Icq vs Vcc (Vcc and Vpc tied together)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vcc/Vpc(V)
+25c
0c
-40c
+70c
+85c
Idc vs Pout, T=25C
0.15
0.20
0.25
0.30
0.35
0.40
0.45
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
Pout(dBm)
F=4.9
F=5.15
F=5.35
F=5.725
F=5.875
POUT @ 3% EVM vs Vcc for Fixed Vpc=3.3, F=5.725GHz
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
2.7
2.9
3.1
3.3
3.5
3.7
Vcc(V)
0c
+25c
+70c
POUT @ 3% EVM vs Vcc for Fixed Vpc=3.3, F=5.725GHz
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
2.7
2.9
3.1
3.3
3.5
3.7
Vcc(V)
0c
+25c
+70c
4.9 - 5.9 GHz Evaluation Board Data (Vcc = 3.3V, Iq = 165mA)
EVM(%) @ Pout=18dBm vs. Vpc Set Voltage vs. Temp
F=5.725GHz
1
1.5
2
2.5
3
3.5
4
-40
-20
0
20
40
60
80
100
Temp(C)
2.9v
3v
3.1v
3.2v
3.3v
Intentionally left blank
Icq vs Vpc vs Vpc Enable Set Voltage,
For Fixed Vcc=3.3v , T=+25c
0
0.05
0.1
0.15
0.2
0.25
0.3
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
Swept VPC (V)
2.9v
3.0v
3.1v
3.2v
3.3v


Similar Part No. - STA-6033Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA-6033 ETC-STA-6033 Datasheet
264Kb / 8P
   Product Description
More results

Similar Description - STA-6033Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com