Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1110IBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # 1110IBZ
Description  750MHz, Low Distortion Unity Gain, Closed Loop Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

1110IBZ Datasheet(HTML) 4 Page - Intersil Corporation

  1110IBZ Datasheet HTML 1Page - Intersil Corporation 1110IBZ Datasheet HTML 2Page - Intersil Corporation 1110IBZ Datasheet HTML 3Page - Intersil Corporation 1110IBZ Datasheet HTML 4Page - Intersil Corporation 1110IBZ Datasheet HTML 5Page - Intersil Corporation 1110IBZ Datasheet HTML 6Page - Intersil Corporation 1110IBZ Datasheet HTML 7Page - Intersil Corporation 1110IBZ Datasheet HTML 8Page - Intersil Corporation 1110IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN2944.8
June 6, 2006
Typical Performance Curves V
SUPPLY = ±5V, TA = 25°C, RL = 100Ω, Unless Otherwise Specified
FIGURE 1. SMALL SIGNAL PULSE RESPONSE
FIGURE 2. LARGE SIGNAL PULSE RESPONSE
FIGURE 3. FREQUENCY RESPONSE
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 6. -3dB BANDWIDTH vs TEMPERATURE
TIME (5ns/DIV)
120
80
40
0
-40
-80
-120
1.2
0.8
0.4
0
-0.4
-0.8
-1.2
TIME (5ns/DIV)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0
200M
400M
600M
800M
1G
FREQUENCY (Hz)
0
-45
-90
-135
-180
-225
-270
PHASE
VOUT = 200mVP-P
GAIN
VOUT = 200mVP-P
VOUT = 1VP-P
6
3
0
-3
-6
1M
10M
100M
1G
-360
-270
-180
-90
0
FREQUENCY (Hz)
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT = 200mVP-P
VOUT = 2.5VP-P
VOUT = 4VP-P
890
870
850
830
810
790
770
750
730
TEMPERATURE (°C)
-50
-30
-10
10
30
50
70
90
110
130
710
HFA1110


Similar Part No. - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1110 3M-1110 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
List of Unclassifed Man...
1110 ETC2-1110 Datasheet
93Kb / 1P
   KNOB
logo
Bourns Electronic Solut...
1110-100K-RC BOURNS-1110-100K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-101K-RC BOURNS-1110-101K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-120K-RC BOURNS-1110-120K-RC Datasheet
472Kb / 1P
   Very high current capacity
More results

Similar Description - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Gennum Corporation
GB4600 GENNUM-GB4600 Datasheet
137Kb / 4P
   Monolithic Unity Gain Video Buffer
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com