Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9WAG08U1A Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9WAG08U1A
Description  1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9WAG08U1A Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9WAG08U1A Datasheet HTML 6Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 7Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 8Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 9Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 10Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 11Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 12Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 13Page - Samsung semiconductor K9WAG08U1A Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
FLASH MEMORY
10
K9WAG08U1A
K9K8G08U0A K9NBG08U5A
Product Introduction
The K9K8G08U0A is a 8,448Mbit(8,858,370,048 bit) memory organized as 524,288 rows(pages) by 2,112x8 columns. Spare 64x8
columns are located from column address of 2,048~2,111. A 2,112-byte data register is connected to memory cell arrays accommo-
dating data transfer between the I/O buffers and memory during page read and page program operations. The memory array is made
up of 32 cells that are serially connected to form a NAND structure. Each of the 32 cells resides in a different page. A block consists
of two NAND structured strings. A NAND structure consists of 32 cells. Total 1,081,344 NAND cells reside in a block. The program
and read operations are executed on a page basis, while the erase operation is executed on a block basis. The memory array con-
sists of 8,192 separately erasable 128K-byte blocks. It indicates that the bit by bit erase operation is prohibited on the K9K8G08U0A.
The K9K8G08U0A has addresses multiplexed into 8 I/Os. This scheme dramatically reduces pin counts and allows system upgrades
to future densities by maintaining consistency in system board design. Command, address and data are all written through I/O's by
bringing WE to low while CE is low. Those are latched on the rising edge of WE. Command Latch Enable(CLE) and Address Latch
Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some commands require one bus cycle. For
example, Reset Command, Status Read Command, etc require just one cycle bus. Some other commands, like page read and block
erase and page program, require two cycles: one cycle for setup and the other cycle for execution. The 1056M byte physical space
requires 31 addresses, thereby requiring five cycles for addressing : 2 cycles of column address, 3 cycles of row address, in that
order. Page Read and Page Program need the same five address cycles following the required command input. In Block Erase oper-
ation, however, only the three row address cycles are used. Device operations are selected by writing specific commands into the
command register. Table 1 defines the specific commands of the K9K8G08U0A.
In addition to the enhanced architecture and interface, the device incorporates copy-back program feature from one page to another
page without need for transporting the data to and from the external buffer memory. Since the time-consuming serial access and
data-input cycles are removed, system performance for solid-state disk application is significantly increased.
The K9WAG08U1A is composed of two K9K8G08U0A chips which are selected separately by each CE1 and CE2 and the
K9NBG08U5A is composed of four K9K8G08U0A chips which are selected seperately by each CE1, CE2, CE3 and CE4. Therefore,
in terms of each CE, the basic operations of K9WAG08U0A and K9NBG08U5A are same with K9K8G08U0A except some AC/DC
charateristics.
Table 1. Command Sets
NOTE : 1. Random Data Input/Output can be executed in a page.
2. Read EDC Status is only available on Copy Back operation.
3. Interleave-operation between two chips is allowed.
It’s prohibited to use F1h and F2h commands for other operations except interleave-operation.
4. Any command between 11h and 81h is prohibited except 70h, F1h, F2h and FFh .
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st Cycle
2nd Cycle
Acceptable Command during Busy
Read
00h
30h
Read for Copy Back
00h
35h
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Two-Plane Page Program(4)
80h---11h
81h---10h
Copy-Back Program
85h
10h
Two-Plane Copy-Back Program(4)
85h---11h
81h---10h
Block Erase
60h
D0h
Two-Plane Block Erase
60h---60h
D0h
Random Data Input(1)
85h
-
Random Data Output(1)
05h
E0h
Read Status
70h
O
Read EDC Status(2)
7Bh
O
Chip1 Status(3)
F1h
O
Chip2 Status(3)
F2h
O


Similar Part No. - K9WAG08U1A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WAG08U1A-I SAMSUNG-K9WAG08U1A-I Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A-I SAMSUNG-K9WAG08U1A-I Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WAG08U1A-P SAMSUNG-K9WAG08U1A-P Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
More results

Similar Description - K9WAG08U1A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com