Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS80C286-16 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CS80C286-16
Description  High Performance Microprocessor with Memory Management and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C286-16 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CS80C286-16 Datasheet HTML 5Page - Intersil Corporation CS80C286-16 Datasheet HTML 6Page - Intersil Corporation CS80C286-16 Datasheet HTML 7Page - Intersil Corporation CS80C286-16 Datasheet HTML 8Page - Intersil Corporation CS80C286-16 Datasheet HTML 9Page - Intersil Corporation CS80C286-16 Datasheet HTML 10Page - Intersil Corporation CS80C286-16 Datasheet HTML 11Page - Intersil Corporation CS80C286-16 Datasheet HTML 12Page - Intersil Corporation CS80C286-16 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
Instruction Set
The instruction set is divided into seven categories: data
transfer, arithmetic, string manipulation, shift/rotate/logical,
high level, processor control and control transfer instructions.
These categories are summarized in Table 2.
An 80C286 instruction can reference zero, one, or two oper-
ands; where an operand may reside in a register, in the
instruction itself, or in memory. Zero-operand instructions
(e.g. NOP and HLT) are usually one byte long. One-operand
instructions (e.g. INC and DEC) are usually two bytes long
but some are encoded in only one byte. One-operand
instructions may reference a register or memory location.
Two-operand instructions permit the following six types of
instruction operations:
• Register to Register
• Memory to Memory
• Memory to Register
• Register to Memory
• Immediate to Register
• Immediate to Memory
Two-operand instructions (e.g. MOV and ADD) are usually
three to six bytes long. Memory to memory operations are
provided by a special class of string instructions requiring
one to three bytes. For detailed instruction formats and
encodings refer to the instruction set summary at the end of
this document.
TABLE 2A. DATA TRANSFER INSTRUCTIONS
GENERAL PURPOSE
MOV
Move byte or word
PUSH
Push word onto stack
POP
Pop word off stack
PUSHA
Push all registers on stack
POPA
Pop all registers from stack
XCHG
Exchange byte or word
XLAT
Translate byte
INPUT/OUTPUT
IN
Input byte or word
OUT
Output byte or word
ADDRESS OBJECT
LEA
Load effective address
LDS
Load pointer using DS
LES
Load pointer using ES
FLAG TRANSFER
LAHF
Load AH register from flags
SAHF
Store AH register in flags
PUSHF
Push flags onto stack
POPF
Pop flags off stack
TABLE 2B. ARITHMETIC INSTRUCTIONS
ADDITION
ADD
Add byte or word
ADC
Add byte or word with carry
INC
Increment byte or word by 1
AAA
ASClI adjust for addition
DAA
Decimal adjust for addition
SUBTRACTION
SUB
Subtract byte or word
SBB
Subtract byte or word with borrow
DEC
Decrement byte or word by 1
NEG
Negate byte or word
CMP
Compare byte or word
AAS
ASClI adjust for subtraction
DAS
Decimal adjust for subtraction
MULTIPLICATION
MUL
Multiply byte or word unsigned
lMUL
Integer multiply byte or word
AAM
ASClI adjust for multiply
DIVISION
DlV
Divide byte or word unsigned
lDlV
Integer divide byte or word
AAD
ASClI adjust for division
CBW
Convert byte to word
CWD
Convert word to doubleword
TABLE 2C. STRING INSTRUCTIONS
MOVS
Move byte or word string
INS
Input bytes or word string
OUTS
Output bytes or word string
CMPS
Compare byte or word string
SCAS
Scan byte or word string
LODS
Load byte or word string
STOS
Store byte or word string
REP
Repeat
REPE/REPZ
Repeat while equal/zero
REPNE/REPNZ
Repeat while not equal/not zero
80C286


Similar Part No. - CS80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS80C286-16 INTERSIL-CS80C286-16 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
CS80C286-16 INTERSIL-CS80C286-16 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - CS80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com