Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-4702 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HD-4702
Description  CMOS Programmable Bit Rate Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-4702 Datasheet(HTML) 8 Page - Intersil Corporation

  HD-4702_06 Datasheet HTML 1Page - Intersil Corporation HD-4702_06 Datasheet HTML 2Page - Intersil Corporation HD-4702_06 Datasheet HTML 3Page - Intersil Corporation HD-4702_06 Datasheet HTML 4Page - Intersil Corporation HD-4702_06 Datasheet HTML 5Page - Intersil Corporation HD-4702_06 Datasheet HTML 6Page - Intersil Corporation HD-4702_06 Datasheet HTML 7Page - Intersil Corporation HD-4702_06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FN2954.2
August 24, 2006
Dual-In-Line Plastic Packages (PDIP)
NOTES:
2. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
3. Dimensioning and tolerancing per ANSI Y14.5M-1982.
4. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
5. Dimensions A, A1 and L are measured with the package seated in JE-
DEC seating plane gauge GS-3.
6. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
7. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
8. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
9. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
10. N is the maximum number of terminal positions.
11. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
E16.3 (JEDEC MS-001-BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N16
16
9
Rev. 0 12/93
HD-4702


Similar Part No. - HD-4702_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-4702/883 INTERSIL-HD-4702/883 Datasheet
80Kb / 8P
   CMOS Programmable Bit Rate Generator
June 1998
More results

Similar Description - HD-4702_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-4702 RENESAS-HD-4702 Datasheet
461Kb / 8P
   CMOS Programmable Bit Rate Generator
logo
Intersil Corporation
HD-4702 INTERSIL-HD-4702 Datasheet
80Kb / 8P
   CMOS Programmable Bit Rate Generator
June 1998
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com