Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-6408 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HD-6408
Description  CMOS Asynchronous Serial Manchester Adapter (ASMA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-6408 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HD-6408 Datasheet HTML 3Page - Intersil Corporation HD-6408 Datasheet HTML 4Page - Intersil Corporation HD-6408 Datasheet HTML 5Page - Intersil Corporation HD-6408 Datasheet HTML 6Page - Intersil Corporation HD-6408 Datasheet HTML 7Page - Intersil Corporation HD-6408 Datasheet HTML 8Page - Intersil Corporation HD-6408 Datasheet HTML 9Page - Intersil Corporation HD-6408 Datasheet HTML 10Page - Intersil Corporation HD-6408 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN2952.2
March 7, 2006
(16) TE10
Enable Hold
CL = 50pF
10
-
-
ns
(17) TE11
Sync Hold
CL = 50pF
95
-
-
ns
DECODER TIMING
(18) FDC
Decoder Clock Frequency
CL = 50pF
0
-
12
MHz
(19) TDCR
Decoder Clock Rise Time
CL = 50pF
-
-
8
ns
(20) TDCF
Decoder Clock Fall Time
CL = 50pF
-
-
8
ns
(21) FDD
Data Rate
CL = 50pF
0
-
1.0
MHz
(22) TDR
Decoder Reset Pulse Width
CL = 50pF
150
-
-
ns
(23) TDRS
Decoder Reset Setup Time
CL = 50pF
75
-
-
ns
(24) TDRH
Decoder Reset Hold Time
CL = 50pF
10
-
-
ns
(25) TMR
Master Reset Pulse Width
CL = 50pF
150
-
-
ns
(26) TD1
Bipolar Data Pulse Width
Note 2, CL = 50pF
TDC +10
-
-
ns
(27) TD2
Sync Transition Span
Note 2, CL = 50pF
-
18TDC
-ns
(28) TD3
One Zero Overlap
Note 2, CL = 50pF
-
-
TDC -10
ns
(29) TD4
Short Data Transition Span
Note 2, CL = 50pF
-
6TDC
-ns
(30) TD5
Long Data Transition Span
Note 2, CL = 50pF
-
12TDC
-ns
(31) TD6
Sync Delay (ON)
CL = 50pF
-20
-
110
ns
(32) TD7
Take Data Delay (ON)
CL = 50pF
0
-
110
ns
(33) TD8
Serial Data Out Delay
CL = 50pF
-
-
80
ns
(34) TD9
Sync Delay (OFF)
CL = 50pF
0
-
110
ns
(35) TD10
Take Data Delay (OFF)
CL = 50pF
0
-
110
ns
(36) TD11
Valid Word Delay
CL = 50pF
0
-
110
ns
NOTE:
2. TDC = Decoder Clock Period = 1/FDC. (These parameters are guaranteed but not 100% tested).
Capacitance
TA = +25°C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Input Capacitance
FREQ = 1MHz, all measurements
are referenced to device GND
-15-
pF
CO
Output Capacitance
-
15
-
pF
AC Electrical Specifications
VCC = 5.0V ±10%, TA = -40°C to +85°C (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HD-6408


Similar Part No. - HD-6408

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6408 INTERSIL-HD-6408 Datasheet
57Kb / 11P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
March 1997
logo
Renesas Technology Corp
HD-6408 RENESAS-HD-6408 Datasheet
507Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
logo
Intersil Corporation
HD-6408 INTERSIL-HD-6408 Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
More results

Similar Description - HD-6408

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6408 INTERSIL-HD-6408 Datasheet
57Kb / 11P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
March 1997
logo
Renesas Technology Corp
HD-6408 RENESAS-HD-6408 Datasheet
507Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
logo
Intersil Corporation
HD3-6408-9 INTERSIL-HD3-6408-9 Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
logo
California Micro Device...
G65SC51 CALMIRCO-G65SC51 Datasheet
454Kb / 10P
   CMOS ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
Harris Corporation
CDP65C51 HARRIS-CDP65C51 Datasheet
1Mb / 18P
   CMOS Asynchronous Communications Interface Adapter(ACIA)
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com