Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X25256I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN58X25256I
Description  Serial Peripheral Interface 128k EEPROM (16-kword8-bit) 256k EEPROM (32-kword8-bit) Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X25256I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN58X25256I Datasheet HTML 6Page - Renesas Technology Corp HN58X25256I Datasheet HTML 7Page - Renesas Technology Corp HN58X25256I Datasheet HTML 8Page - Renesas Technology Corp HN58X25256I Datasheet HTML 9Page - Renesas Technology Corp HN58X25256I Datasheet HTML 10Page - Renesas Technology Corp HN58X25256I Datasheet HTML 11Page - Renesas Technology Corp HN58X25256I Datasheet HTML 12Page - Renesas Technology Corp HN58X25256I Datasheet HTML 13Page - Renesas Technology Corp HN58X25256I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HN58X25128I/HN58X25256I
Rev.3.00, Jul.06.2005, page 10 of 20
Write Enable (WREN):
The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction. The only way to do this is
to send a Write Enable instruction to the device. As shown in the following figure, to send this instruction to the
device, chip select (
S) is driven low, and the bits of the instruction byte are shifted in, on serial data input (D). The
device then enters a wait state. It waits for the device to be deselected, by chip select (
S) being driven high.
Write Enable (WREN) Sequence
S
W
C
D
Q
Instruction
01
2
3
4
5
6
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
7


Similar Part No. - HN58X25256I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25256FPIAG RENESAS-HN58X25256FPIAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25256TIAG RENESAS-HN58X25256TIAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X25256I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX25032ASA00A RENESAS-R1EX25032ASA00A_15 Datasheet
610Kb / 24P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25512I RENESAS-HN58X25512I Datasheet
576Kb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58C256AI RENESAS-HN58C256AI Datasheet
1Mb / 18P
   256k EEPROM (32-kword 횞 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com