Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3007 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMA3007
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3007 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMA3007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3007 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Preliminary Datasheet v2.1
FMA3007
BIASING CIRCUIT SCHEMATIC:
100nF
100nF
100pF
VG1
100pF
RF Output
100pF
100nF
VG2
RF Input
VDD
ASSEMBLY DIAGRAM:
To Evaluation Board via an 0402
Surface Mounted capacitor
100pF Capacitors
100pF Capacitor
To Evaluation Board via an 0402
Surface Mounted capacitor
Note: Bond Wire length should be kept to a minimum
BILL OF MATERIALS:
COMPONENT
All RF tracks should be 50
Ω characteristic material
Capacitor, 100pF, chip capacitor
Capacitor, 100pF, 0402


Similar Part No. - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com