Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3008 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMA3008
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3008 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3008 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
FMA3008
Preliminary Datasheet v2.1
BIASING CIRCUIT SCHEMATIC:
Website: www.filtronic.com
4
ASSEMBLY DIAGRAM:
It is recommended that the RF connections be made using two bond wires 25µm in diameter and a
maximum length of 300µm. Optimum input and output return loss can be achieved, to compensate for
bond wire length, with the addition of a microstrip transformer, shown in the diagram below.
Substrate: Alumina
Thickness: 635µm
Dimensions in mm
Transformer Impedance 36
Ω
Electrical Length 21º at 10GHz
BILL OF MATERIALS:
COMPONENT
All RF tracks should be 50
Ω characteristic material
Capacitor, 100pF, chip capacitor
Capacitor, 100pF, 0402
Optional Circuit for
external cascade Gate
Control
RF Output
100pF
VDD
VG1
100pF
nF
100nF
RF Input
VG2
100nF
100pF
100
To Evaluation Board via an 0402
Surface Mounted capacitor
0.61
0.61
100pF Chip
Capacitor
100pF Chip
Capacitors
0.65
1.1
1.1
0.65
To Evaluation Board via an 0402
Surface Mounted capacitor


Similar Part No. - FMA3008

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3008 FILTRONIC-FMA3008 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3008

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com