Electronic Components Datasheet Search |
|
FMA3008 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors |
|
FMA3008 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors |
2 / 5 page Specifications subject to change without notice Filtronic Compound Semiconductors Ltd Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com FMA3008 Preliminary Datasheet v2.1 ABSOLUTE MAXIMUM RATINGS: 2 Note: Exceeding any one of these absolute maximum ratings may cause permanent damage to the device. PAD LAYOUT: Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of bond pad opening PARAMETER SYMBOL ABSOLUTE MAXIMUM Max Input Power Pin +25dBm Gate Voltage VG1 -2V Drain Voltage VDD +10V Total Power Dissipation Ptot tbd Gain Compression Comp tbd Thermal Resistivity θ JC 0.66°C/W Operating Temp Toper -40°C to +85°C Storage Temp Tstor -55°C to +150°C PAD REF PAD NAME DESCRIPTION PIN COORDINATES (µm) A RF in RF in (105,713) BB GND Ground (198, 126) C VG1 Gate Voltage (461, 128) D Out RF Output (663, 713) E GND Ground (2170, 1580) F VD Drain Voltage (1998, 1580) G VG2 Cascode Gate Voltage (Optional) (132, 1107) E F G D A C B DIE SIZE ( μm) DIE THICKNESS ( μm) MIN. BOND PAD PITCH ( μm) MIN. BOND PAD OPENING ( μm x μm ) 2350 x 1710 100 179 100 x 100 Website: www.filtronic.com |
Similar Part No. - FMA3008 |
|
Similar Description - FMA3008 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |