Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3019QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA3019QFN
Description  HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3019QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3019QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3019QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3019QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3019QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
FMA3019QFN
Preliminary Datasheet v2.1
FEATURES (1.7-2.0GHZ):
Balanced low noise amplifier module
No external couplers required
Excellent 42 dBm Output IP3
28.5 dBm Output Power (P1dB)
Excellent Return Loss (RL): -25dB
14 dB Small-Signal Gain (SSG)
1.7 dB Noise Figure
6 V supply (380mA current)
Cost effective footprint: 4mm x 4mm QFN
6 mm x 6mm evaluation board available
RoHS compliant: (Directive 2002/95/EC)
GENERAL DESCRIPTION:
The BA2250QFN MMIC module is a self-
biased, integrated and packaged balanced
amplifier mounted onto 6x6mm
2 FR4 board.
The active device is a pair of pseudomorphic
High Electron Mobility Transistors (pHEMT)
specifically
optimised
for
balanced
configuration systems.
The Filtronic 0.25µm
process
ensures
class-leading
noise
performance.
The use of a small footprint
plastic package allows for a cost effective total
system implementation.
BOARD PHOTOGRAPH:
TYPICAL APPLICATIONS:
Wireless infrastructure: Tower mounted
Amplifiers and front end LNAs for
EGSM/PCS/WCDMA/UMTS base stations
High intercept-point LNAs
ELECTRICAL SPECIFICATIONS:
Note: TAMBIENT = 22°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency
Freq
VDS = 6.0 V; IDS = 380mA
1.7
1.85
2
GHz
Minimum Noise Figure
NF
VDS = 6.0 V; IDS = 380mA
1.75
1.8
2.1
dB
Input Third-Order Intercept Point
IIP3
VDS = 6.0 V; IDS = 380mA
27.5
28.5
30
dBm
Small-Signal Gain
SSG
VDS = 6.0 V; IDS = 380mA
13
14
14.3
dB
Small-Signal Input Return Loss
S11
VDS = 6.0 V; IDS = 380mA
-30
-25
-20
dB
Small-Signal Output Return Loss
S22
VDS = 6.0 V; IDS = 380mA
-40
-30
-25
dB
Power at 1dB Gain Compression
P1dB
VDS = 6.0 V; IDS = 380mA
28
28.5
29
dBm


Similar Part No. - FMA3019QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Similar Description - FMA3019QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
Broadcom Corporation.
ALM-1222 BOARDCOM-ALM-1222 Datasheet
673Kb / 9P
   1.8-2.2GHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
   700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
logo
Marki Microwave
T3-0838G MARKIMICROWAVE-T3-0838G Datasheet
514Kb / 7P
   HIGH-LINEARITY TRIPLE-BALANCED MIXERS
T3-1040G MARKIMICROWAVE-T3-1040G Datasheet
497Kb / 7P
   HIGH-LINEARITY TRIPLE-BALANCED MIXERS
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com