Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3019QFN-EB Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMA3019QFN-EB
Description  HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3019QFN-EB Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3019QFN-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3019QFN-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3019QFN-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3019QFN-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA3019QFN
Preliminary Datasheet v2.1
PACKAGE OUTLINE:
(Dimensions in millimetres – mm)
0.5
0.4
2.75
Bottom View
4±0.05
4±0.05
SLP 24L
4X4
Pin identifier
Top View
0.9
0.5
side View
PREFERRED ASSEMBLY INSTRUCTIONS:
Please
contact
Filtronic
Compound
Semiconductors Ltd for further details.
HANDLING PRECAUTIONS:
To avoid damage to
the
devices
care
should
be
exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions should be observed at all stages of
storage,
handling,
assembly,
and
testing.
These devices should be treated as Class 1A
(0-500 V) as defined in JEDEC Standard No.
22-A114. Further information on ESD control
measures can be found in MIL-STD-1686 and
MIL-HDBK-263.
4
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters
are
available;
please
contact
Filtronic Compound Semiconductors Ltd.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FMA3019QFN-EB
Packaged Balanced MMIC LNA
Evaluation Board


Similar Part No. - FMA3019QFN-EB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Similar Description - FMA3019QFN-EB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
Broadcom Corporation.
ALM-1222 BOARDCOM-ALM-1222 Datasheet
673Kb / 9P
   1.8-2.2GHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
   700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
logo
Marki Microwave
T3-0838G MARKIMICROWAVE-T3-0838G Datasheet
514Kb / 7P
   HIGH-LINEARITY TRIPLE-BALANCED MIXERS
T3-1040G MARKIMICROWAVE-T3-1040G Datasheet
497Kb / 7P
   HIGH-LINEARITY TRIPLE-BALANCED MIXERS
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com