Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C54-12 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CP82C54-12
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C54-12 Datasheet(HTML) 1 Page - Intersil Corporation

  CP82C54-12 Datasheet HTML 1Page - Intersil Corporation CP82C54-12 Datasheet HTML 2Page - Intersil Corporation CP82C54-12 Datasheet HTML 3Page - Intersil Corporation CP82C54-12 Datasheet HTML 4Page - Intersil Corporation CP82C54-12 Datasheet HTML 5Page - Intersil Corporation CP82C54-12 Datasheet HTML 6Page - Intersil Corporation CP82C54-12 Datasheet HTML 7Page - Intersil Corporation CP82C54-12 Datasheet HTML 8Page - Intersil Corporation CP82C54-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
July 11, 2005
82C54
CMOS Programmable Intervel Timer
The Intersil 82C54 is a high performance CMOS
Programmable Interval Timer manufactured using an
advanced 2 micron CMOS process.
The 82C54 has three independently programmable and
functional 16-bit counters, each capable of handling clock
input frequencies of up to 8MHz (82C54) or 10MHz
(82C54-10) or 12MHz (82C54-12).
The high speed and industry standard configuration of the
82C54 make it compatible with the Intersil 80C86, 80C88,
and 80C286 CMOS microprocessors along with many
other industry standard processors. Six programmable
timer modes allow the 82C54 to be used as an event
counter, elapsed time indicator, programmable one-shot,
and many other applications. Static CMOS circuit design
insures low power operation.
The Intersil advanced CMOS process results in a significant
reduction in power with performance equal to or greater than
existing equivalent products.
Features
• 8MHz to 12MHz Clock Input Frequency
• Compatible with NMOS 8254
- Enhanced Version of NMOS 8253
• Three Independent 16-Bit Counters
• Six Programmable Counter Modes
• Status Read Back Command
• Binary or BCD Counting
• Fully TTL Compatible
• Single 5V Power Supply
•Low Power
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
µA
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA at 8MHz
• Operating Temperature Ranges
- CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- MD82C54 . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Pb-Free Plus Anneal Available (RoHS Compliant)
Pinouts
82C54 (PDIP, CERDIP)
TOP VIEW
82C54 (PLCC/CLCC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
D7
D6
D5
D4
D3
D2
D1
D0
CLK 0
OUT 0
GATE 0
GND
VCC
RD
CS
A1
A0
OUT 2
CLK 1
GATE 1
OUT 1
WR
CLK 2
GATE 2
CS
A1
A0
CLK2
NC
GATE 2
OUT 2
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15
16
17 18
19
20
21
22
23
24
25
26
27
28
D3
D2
D1
D0
D4
NC
CLK 0
Data Sheet
FN2970.4


Similar Part No. - CP82C54-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C54-12 INTERSIL-CP82C54-12 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - CP82C54-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com