Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3016-KS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI3016-KS
Description  3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3016-KS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI3016-KS Datasheet HTML 7Page - Silicon Laboratories SI3016-KS Datasheet HTML 8Page - Silicon Laboratories SI3016-KS Datasheet HTML 9Page - Silicon Laboratories SI3016-KS Datasheet HTML 10Page - Silicon Laboratories SI3016-KS Datasheet HTML 11Page - Silicon Laboratories SI3016-KS Datasheet HTML 12Page - Silicon Laboratories SI3016-KS Datasheet HTML 13Page - Silicon Laboratories SI3016-KS Datasheet HTML 14Page - Silicon Laboratories SI3016-KS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Si3016
Rev. 1.0
11
3. Analog Output
Figure 7 illustrates an optional application circuit to support the analog output capability of the DAA system-side
module for call progress monitoring purposes. The ARM bits in Register 6 allow the receive path to be attenuated
by 0, –6, or –12 dB. The ATM bits, which are also in Register 6, allow the transmit path to be attenuated by –20,
–26, or –32 dB. Both the transmit and receive paths can also be independently muted.
Figure 7. Optional Connection to AOUT for a Call Progress Speaker
Table 8. Component Values—Optional Connection to AOUT
Symbol
Value
C1
2200 pF, 16 V, ±20%
C2, C3, C5
0.1 µF, 16 V, ±20%
C4
100 µF, 16 V, Elec. ±20%
C6
820 pF, 16 V, ±20%
R1
10 k
Ω, 1/10 W, ±5%
R2
10
Ω, 1/10 W, ±5%
R3
47 k
Ω, 1/10 W, ±5%
U1
LM386
AOUT
C1
C2
C6
R1
R3
C4
C3
C5
R2
Speaker
+
+
3
2
4
5
6
+5 V


Similar Part No. - SI3016-KS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
SI3016-KSR TI-SI3016-KSR Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results

Similar Description - SI3016-KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com