Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP393NG-U Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP393NG-U
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393NG-U Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP393NG-U Datasheet HTML 6Page - Diodes Incorporated AP393NG-U Datasheet HTML 7Page - Diodes Incorporated AP393NG-U Datasheet HTML 8Page - Diodes Incorporated AP393NG-U Datasheet HTML 9Page - Diodes Incorporated AP393NG-U Datasheet HTML 10Page - Diodes Incorporated AP393NG-U Datasheet HTML 11Page - Diodes Incorporated AP393NG-U Datasheet HTML 12Page - Diodes Incorporated AP393NG-U Datasheet HTML 13Page - Diodes Incorporated AP393NG-U Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
10 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Circuit
( Continued )
( VCC = 5.0VDC )
One-Shot Multivibrator with Input Lock Out
V+
+
-
V
O
100pF
100K
1M
t
0
t
1
0
V+
+
-
100K
1M
+V
IN
240K
62K
10M
15K
560K
10M
40µs
1µs
0
+4V
1/2 AP393
1/2 AP393
Time Delay Generator
3.0K
V+
V
O3
10M
0
+
-
3.0K
V
O2
+
-
3.0K
V
O1
+
-
+
-
t
0
t
1
t
2
t
3
t
4
V
1
V
2
V
3
V+
t
V
C1
V
1
V
2
V
3
51K
51K
51K
10K
10K
10K
200K
15K
10K
V
C1
C1
0.001µF
10M
10M
V+
V+
V+
t
0
t
4
+V
IN
10K
INPUT GATING SIGNAL
0
V+
t
0
t
1
0
V+
t
0
t
2
0
V+
t
0
t
3
1/2 AP393
1/2 AP393
1/2 AP393
1/2 AP393
0


Similar Part No. - AP393NG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393NG-U DIODES-AP393NG-U Datasheet
189Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP393NG-U DIODES-AP393NG-U Datasheet
328Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AP393NG-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com