Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP393NG-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP393NG-13
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393NG-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP393NG-13 Datasheet HTML 4Page - Diodes Incorporated AP393NG-13 Datasheet HTML 5Page - Diodes Incorporated AP393NG-13 Datasheet HTML 6Page - Diodes Incorporated AP393NG-13 Datasheet HTML 7Page - Diodes Incorporated AP393NG-13 Datasheet HTML 8Page - Diodes Incorporated AP393NG-13 Datasheet HTML 9Page - Diodes Incorporated AP393NG-13 Datasheet HTML 10Page - Diodes Incorporated AP393NG-13 Datasheet HTML 11Page - Diodes Incorporated AP393NG-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
8 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Circuit
( Continued )
( VCC = 5.0VDC )
Inverting Comparator with
Hysteresis
+
-
3K
+V
IN
V+
1M
1M
1M
V
O
V+
1/2 AP393
V
O
6.2K
V+
Output Strobing
+
-
STROBE
INPUT
*
* OR LOGIC GATE WITHOUT PULL-UP
RESISTOR
1/2 AP393
AND Gate
f
3K
V+
A
+
-
1K
B
C
1K
100K
100K
100K
39K
+0.375V
0
"0" "1"
1/2 AP393
V+
Or Gate
3K
V+
A
+
-
1K
B
C
1K
100K
100K
100K
200K
+0.075V
V+
0
"0" "1"
f
1/2 AP393
Large Fan-in AND Gate
R4
3K
V+
A
+
-
D1
B
C
100K
10K
V+
0
"0" "1"
D
D2
D3
D4
ALL DIODES 1N914
100K
V
OUT
1/2 AP393
Limit Comparator
+
-
+
-
2R
S
2R
S
R
S
10K
V+ (12V
DC)
LAMP
12 ESB
+V
IN
+V
REF LOW
+V
REF HI
2N2222
1/2 AP393
1/2 AP393


Similar Part No. - AP393NG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393NG-U DIODES-AP393NG-U Datasheet
189Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP393NG-U DIODES-AP393NG-U Datasheet
328Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AP393NG-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com