Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-20YRL-U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP130-20YRL-U
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-20YRL-U Datasheet(HTML) 1 Page - Diodes Incorporated

  AP130-20YRL-U Datasheet HTML 1Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 2Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 3Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 4Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 5Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 6Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 7Page - Diodes Incorporated AP130-20YRL-U Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 Rev. 2
1 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Input Voltage Range is up to 7V
Dropout Voltage 400mV at 300mA Output Current
Guaranteed 300mA Output Current
Internal RON =1.5Ω PMOS Draws No Base Current
Low Quiescent Current 50µA
Output Voltage: 1.5V/1.8V/2.0V/2.5V/2.8V/3.0V/
3.3V/3.5; Accuracy 2%
Fast Transient Response
Good Load Regulation
Current Limit and Thermal Shutdown Protection
Short Circuit Current Fold-Back
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
Lead-Free Packages: SC59R-3L, SOT89-3L, and
SOT89R-3L
Green Package: SC59R-3L
Battery Powered Device
CD-ROM, DVD, and LAN Card
Wireless Peripheral
Wireless Communication
The AP130 is a 300mA, fixed output voltage, low dropout linear
regulator. The device includes pass element, error amplifier,
band-gap, current-limit and thermal shutdown circuitry. The
characteristics of low dropout voltage and less quiescent current
make it good for some critical current application, for example,
some battery powered devices. The typical quiescent current is
approximately 50µA from zero to maximum load. Due to internal
flexible design, result in extensively fixed output voltage versions
and make it convenient to use for applications. Built-in
current-limit and thermal-shutdown functions prevent any fault
condition from IC damage.
AP130- XX XX X X
Output Voltage
Package
15:1.5V
18:1.8V
20:2.0V
25:2.5V
28:2.8V
30:3.0V
33:3.3V
35:3.5V
Packing
Y : SOT89-3L
: SOT89R-3L
R
Lead Free
L : Lead Free Package
-U : Tube
-7/-13 : Taping
G : Green (Note 3)
: SC59R-3L
YR
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
Quantity
Quantity
AP130-XXR
R
SC59R-3L
3000/Tape & Reel
-7
NA
NA
AP130-XXY
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
AP130-XXYR
YR
SOT89R-3L
NA
NA
2500/Tape & Reel
-13
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Green is only for SC59R-3L.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP130-20YRL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130-20YR ANACHIP-AP130-20YR Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-20YR DIODES-AP130-20YR Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results

Similar Description - AP130-20YRL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com