Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-28PL-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP130-28PL-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-28PL-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP130-28PL-7 Datasheet HTML 1Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 2Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 3Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 4Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 5Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 6Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 7Page - Diodes Incorporated AP130-28PL-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 Rev. 2
5 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Characteristics
AP130 PSRR vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
AP130 Vout vs. Load Current
3.31
3.315
3.32
3.325
3.33
3.335
3.34
3.345
3.35
0
30 60 90 120 150 180 210 240 270 300
Load Current
(A)
AP130 GND Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
00.5 11.5 2 2.5 33.544.5 55.5 6
Input Voltage (V)
AP130 Dropout vs. Load
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
250
300
350
Load (Io) (mA)
Typical Application Circuit
IN
OUT
GND
IN
C
V
IN
OUT
C
OUT
V
AP130
1uF
10uF


Similar Part No. - AP130-28PL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130-28R ANACHIP-AP130-28R Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP130-28W ANACHIP-AP130-28W Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP130-28Y ANACHIP-AP130-28Y Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-28Y DIODES-AP130-28Y Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Anachip Corp
AP130-28YR ANACHIP-AP130-28YR Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
More results

Similar Description - AP130-28PL-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com