Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLZ-24 Datasheet(PDF) 2 Page - Protek Devices

Part # DLZ-24
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DLZ-24 Datasheet(HTML) 2 Page - Protek Devices

  DLZ-24 Datasheet HTML 1Page - Protek Devices DLZ-24 Datasheet HTML 2Page - Protek Devices DLZ-24 Datasheet HTML 3Page - Protek Devices DLZ-24 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DLZ-5
thru
DLZ-30CA
2
05008.R7 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
PPP
1300
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Forward Surge Rating (1/20 seconds) - Unidirectional Only
I
F
10
Amps
Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., DLZ-8C.
PART
NUMBER
(See Note 1)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
DLZ-5
DLZ-5A
DLZ-12
DLZ-12A
DLZ-17
DLZ-17A
DLZ-24
DLZ-24A
DLZ-30
DLZ-30A
DLZ-8C
DLZ-13C
DLZ-13CA
DLZ-19C
DLZ-19CA
DLZ-30C
DLZ-30CA
5.0
5.0
12.0
12.0
17.0
17.0
24.0
24.0
30.0
30.0
8.0
13.0
13.0
19.0
19.0
30.0
30.0
10.2
9.5
21.1
19.1
30.4
27.5
42.3
38.3
52.8
47.8
13.4
22.8
20.6
34.2
31.0
52.8
47.8
19.2V @ 66A
18.1V @ 70A
33.0V @ 41A
28.0V @ 48A
40.0V @ 33A
37.4V @ 35A
62.4V @ 21A
50.5V @ 26A
62.9V @ 21A
60.0V @ 24A
29.0V @ 45A
34.0V @ 39A
31.0V @ 43A
47.6V @ 28A
40.5V @ 33A
68.7V @ 19A
62.5V @ 21A
200
200
2
2
2
2
2
2
2
2
10
4
4
4
4
4
4
5
5
18
18
20
20
31
31
39
39
9
18
18
24
24
39
39
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
880
880
440
440
330
330
275
275
220
220
440
385
385
275
275
165
165
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
6.0
6.0
13.3
13.3
19.2
19.2
26.7
26.7
33.3
33.3
8.5
14.4
14.4
21.6
21.6
33.3
33.3
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified


Similar Part No. - DLZ-24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DLZ-24 PROTEC-DLZ-24 Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-24 PROTEC-DLZ-24 Datasheet
451Kb / 5P
   High powered multi-line tvs array
DLZ-24A PROTEC-DLZ-24A Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-24A PROTEC-DLZ-24A Datasheet
451Kb / 5P
   High powered multi-line tvs array
More results

Similar Description - DLZ-24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com