Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA12CN Datasheet(PDF) 1 Page - Protek Devices

Part # DA12CN
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA12CN Datasheet(HTML) 1 Page - Protek Devices

  DA12CN Datasheet HTML 1Page - Protek Devices DA12CN Datasheet HTML 2Page - Protek Devices DA12CN Datasheet HTML 3Page - Protek Devices DA12CN Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STANDARD CAPACITANCE TVS ARRAY
1
05001.R9 2/07
www.protekdevices.com
DA05N
thru
DA24CP
APPLICATIONS
✔ Low Frequency I/O Ports
✔ RS-232 & RS-423 Data Lines
✔ Power Bus Lines
✔ Monitoring & Industrial Signal and Data Ports
✔ Microprocessor Based Equipment
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs Level 2 (Line-Ground) & Level 3 (Line-Line)
FEATURES
✔ 800 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configuration
✔ ESD Protection > 40 kilovolts
✔ Available in 5V, 12V, 15V & 24V
✔ Standard Dual-In-Line Package
✔ Protects 8 to 12 Lines
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded 16 Pin Dual-In-Line (DIP) Package
✔ Weight 1.2 grams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ Packaging: 50 Pieces Per Tube
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATIONS
16 PIN DIP
BIDIRECTIONAL
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
DAxxCP Series
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
DAxxCN Series
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
DAxxP Series
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
DAxxN Series
UNIDIRECTIONAL


Similar Part No. - DA12CN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA12CN PROTEC-DA12CN Datasheet
124Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA12CN PROTEC-DA12CN Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA12CN PROTEC-DA12CN Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - DA12CN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com