Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF6-100FC Datasheet(PDF) 1 Page - Protek Devices

Part # EMIF6-100FC
Description  EMI FILTER/TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF6-100FC Datasheet(HTML) 1 Page - Protek Devices

  EMIF6-100FC_07 Datasheet HTML 1Page - Protek Devices EMIF6-100FC_07 Datasheet HTML 2Page - Protek Devices EMIF6-100FC_07 Datasheet HTML 3Page - Protek Devices EMIF6-100FC_07 Datasheet HTML 4Page - Protek Devices EMIF6-100FC_07 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
05190.R8 2/07
www.protekdevices.com
EMIF6-100FC
EMI FILTER/TVS ARRAY
APPLICATIONS
✔ Cellular Phones
✔ Notebooks
✔ Personal Digital Assistant (PDA)
✔ Ground Positioning System (GPS)
✔ SMART Card
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Bidirectional EMI Filtering/TVS Low Pass Filters
✔ Low Insertion Loss: -3db Roll-Off @ 60MHz
✔ Protects Up to Six(6) Data Lines
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ 15 Bump Flip Chip Package
✔ Weight 0.73 milligrams (Approximate)
✔ Available in Lead-Free Plating
✔ Solder Reflow Temperature:
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
PIN CONFIGURATION
15 BUMP FLIP CHIP
G1
G2
G3
O1
I1
O2
I2
O3
I3
O4
I4
O5
I5
O6
I6
100 Ohm
27pF
27pF
I/On
GND
I/On
For Each Line


Similar Part No. - EMIF6-100FC_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF6-100FC PROTEC-EMIF6-100FC Datasheet
117Kb / 5P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EMIF6-100FC_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com