Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF6-100FC Datasheet(PDF) 3 Page - Protek Devices

Part # EMIF6-100FC
Description  EMI FILTER/TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF6-100FC Datasheet(HTML) 3 Page - Protek Devices

  EMIF6-100FC Datasheet HTML 1Page - Protek Devices EMIF6-100FC Datasheet HTML 2Page - Protek Devices EMIF6-100FC Datasheet HTML 3Page - Protek Devices EMIF6-100FC Datasheet HTML 4Page - Protek Devices EMIF6-100FC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
05190.R8 2/07
www.protekdevices.com
EMIF6-100FC
GRAPHS
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE
ESD Test Pulse: -15 kilovolt, 1/30ns (waveform)
-4
-2
0
2
4
FIGURE 3
OVERSHOOT & CLAMPING VOLTAGE
ESD Test Pulse: +15 kilovolt, 1/30ns (waveform)
-5
5
15
25
35
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
FIGURE 2
INSERTION LOSS
Frequency (MHz)
0 Volts
2.5 Volts


Similar Part No. - EMIF6-100FC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF6-100FC PROTEC-EMIF6-100FC Datasheet
117Kb / 5P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EMIF6-100FC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com