Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-33PG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP130-33PG-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-33PG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP130-33PG-7 Datasheet HTML 1Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 2Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 3Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 4Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 5Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 6Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 7Page - Diodes Incorporated AP130-33PG-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 Rev. 2
6 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Function Description
A minimum of 10µF capacitor must be connected from OUT to ground to insure stability. Typically a large storage capacitor is
connected from VIN to ground to ensure that the input voltage does not sag below the minimum dropout voltage during the load transient
response. This pin must always be 0.7V higher than VOUT in order for the device to regulate properly.
Marking Information
(1) SC59R-3L
1
2
3
XX Y M X
(Top View)
XX : Identification code
Y
: Year 0-9
M
: Month A~L
Blank: Lead Free Package
G
:Green Package
Device
Package (Note 8)
Identification Code
Date Code
AP130-15R
SC59R-3L
GO
YM
AP130-18R
SC59R-3L
GR
YM
AP130-20R
SC59R-3L
GT
YM
AP130-25R
SC59R-3L
GY
YM
AP130-28R
SC59R-3L
H1
YM
AP130-30R
SC59R-3L
H3
YM
AP130-33R
SC59R-3L
H9
YM
AP130-35R
SC59R-3L
HB
YM
(2) SOT89-3L/SOT89R-3L
1
3
2
X X
Y M
(Top View)
XX :
Identification code
Y
: Year : 0-9
M
~
: Month : A L
Device
Package (Note 8)
Identification Code
Date Code
AP130-15Y
SOT89-3L
CA
YM
AP130-18Y
SOT89-3L
CD
YM
AP130-20Y
SOT89-3L
CF
YM
AP130-25Y
SOT89-3L
CK
YM
AP130-28Y
SOT89-3L
CN
YM
AP130-30Y
SOT89-3L
CP
YM
AP130-33Y
SOT89-3L
CS
YM
AP130-35Y
SOT89-3L
CU
YM
AP130-15YR
SOT89R-3L
GO
YM
AP130-18YR
SOT89R-3L
GR
YM
AP130-20YR
SOT89R-3L
GT
YM
AP130-25YR
SOT89R-3L
GY
YM
AP130-28YR
SOT89R-3L
H1
YM
AP130-30YR
SOT89R-3L
H3
YM
AP130-33YR
SOT89R-3L
H9
YM
AP130-35YR
SOT89R-3L
HB
YM
Note: 8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.


Similar Part No. - AP130-33PG-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130-33R ANACHIP-AP130-33R Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP130-33W ANACHIP-AP130-33W Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Anachip Corp
AP130-33Y ANACHIP-AP130-33Y Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-33Y DIODES-AP130-33Y Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results

Similar Description - AP130-33PG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com