Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117K18L-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1117K18L-13
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117K18L-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1117K18L-13 Datasheet HTML 1Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 2Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 3Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 4Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 5Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 6Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 7Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 8Page - Diodes Incorporated AP1117K18L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
1 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
1.4V Maximum Dropout at Full Load Current
Fast Transient Response
Output Current Limiting
Built-in Thermal Shutdown
Good Noise Rejection
3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V,
5.0V
SOT223-3L, TO252-3L, SOT89-3L, TO263-3L and
TO220-3L Packages
SOT223-3L and TO252-3L: Available in “Green”
Molding Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
AP1117 is a low dropout positive adjustable or fixed-mode
regulator with 1A output current capability. The product is voltage
specifically designed to provide well-regulated supply for low IC
applications such as high-speed bus termination and low current
3.3V logic supply. AP1117 is also well suited for other
applications such as VGA cards. AP1117 is guaranteed to have
lower than 1.4V dropout at full load current making it ideal to
provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 18V
input supply. AP1117 is available in both commercial and
industrial temperature grade.
PC Peripheral
Communication
Lead Free
-U : Tube
-13 : Taping
L : Lead Free
Blank: Adj
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
50: 5.0V
G : Green (Note 1)
A P 1 1 1 7 X XX X X
Packing
Vout
Package
T : TO220-3L
Y : SOT89-3L
K : TO263-3L
D : TO252-3L
E : SOT223-3L
Note:
1. Green is only for SOT223-3L and TO252-3L.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 3)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1117D
D
TO252-3L
80
-U
2500/Tape & Reel
-13
AP1117E
E
SOT223-3L
75
-U
2500/Tape & Reel
-13
AP1117K
K
TO263-3L
50
-U
800/Tape & Reel
-13
AP1117T
T
TO220-3L
50
-U
NA
NA
AP1117Y
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Lead-free


Similar Part No. - AP1117K18L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117K18L ANACHIP-AP1117K18L Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117K18LA ANACHIP-AP1117K18LA Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117K18L-13

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com