Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184K5-18L-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1184K5-18L-13
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K5-18L-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1184K5-18L-13 Datasheet HTML 2Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 3Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 4Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 5Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 6Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 7Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 8Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 9Page - Diodes Incorporated AP1184K5-18L-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
6 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Functional Descriptions ( Continued )
Vout = Vref (1+R2/R1) + Iadj * R2 where : Vref = 1.25V & Iadj=50uA Typically
AP1184-ADJ
Vin
Vctrl
Adj
Vout
Vsense
R1+
R2+
Vref
Iadj=50uA
The AP1184-ADJ keeps a constant 1.25V between the Vsense pin and the Adj pin. By placing a resistor R1 across these two pins
and connecting the Vsense and Vout pin together, a constant current flows through R1, adding to the Iadj current and into the R2 resistor
producing a voltage equal to the (1.25/R1)*R2 + Iadj*R2. This voltage is then added to the 1.25V to set the output voltage. This is
summarized in the above equation. Since the minimum load current requirement of the AP1184-ADJ is 10mA, R1 is typically selected to
be a 121Ω resistor so that it automatically satisfies this condition. Notice that since the Iadj is typically in the range of 50uA it only adds a
small error to the output voltage and should be considered when very precise output voltage setting is required.
Load Regulation
Since the AP1184 has separate pins for the output (Vout) and the sense (Vsense), it is ideal for providing true remote sensing of
the output voltage at the load. This means that the voltage drops due to parasitic resistance such as PCB traces between the regulator
and the load are compensated for using remote sensing. Figure following shows a typical application of the AP1184-ADJ with remote
sensing.
AP1184-ADJ
Vin
Vctrl
Vin
Vctrl
Vout
Vsense
Adj
R1
R2
R
L
Stability
The AP1184-XXX requires the use of an output capacitor as part of the frequency compensation in order to make the regulator
stable. Typical designs for the microprocessor applications use standard electrolytic capacitors with typical ESR in the range of 50 to
100mΩ and an output capacitance of 100uF to 1000uF. Fortunately as the capacitance increases, the ESR decreases resulting in a
fixed RC time constant. The AP1184-XXX takes advantage of the phenomena in making the overall regulator loop stable. For most
applications a minimum of 100uF aluminum electrolytic capacitor insures both stability and good transient response.
Thermal Design
The AP1184-XXX incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the
allowable maximum junction temperature. Although this device can operate with junction temperatures in the range of 150
oC, it is
recommended that the selected heat sink be chosen such that during maximum continuous load operation, the junction temperature is
kept below this number. The example below shows the steps in selecting the proper surface mount package.


Similar Part No. - AP1184K5-18L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184K5 ANACHIP-AP1184K5 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184K5 DIODES-AP1184K5 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Anachip Corp
AP1184K515 ANACHIP-AP1184K515 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184K515A ANACHIP-AP1184K515A Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184K515L ANACHIP-AP1184K515L Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - AP1184K5-18L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com