Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7170AIBG Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7170AIBG
Description  Microprocessor-Compatible, Real-Time짰lock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170AIBG Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7170AIBG Datasheet HTML 1Page - Intersil Corporation ICM7170AIBG Datasheet HTML 2Page - Intersil Corporation ICM7170AIBG Datasheet HTML 3Page - Intersil Corporation ICM7170AIBG Datasheet HTML 4Page - Intersil Corporation ICM7170AIBG Datasheet HTML 5Page - Intersil Corporation ICM7170AIBG Datasheet HTML 6Page - Intersil Corporation ICM7170AIBG Datasheet HTML 7Page - Intersil Corporation ICM7170AIBG Datasheet HTML 8Page - Intersil Corporation ICM7170AIBG Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AC Electrical Specifications
TA = -40
oC to 85oC, V
DD = +5V ± 10%, VBACKUP = VDD,
D0 - D7 Load Capacitance = 150pF, VIL = 0.4V, VlH = 2.8V, Unless Otherwise Specified
PARAMETER
MIN
MAX
UNITS
READ CYCLE TIMING
READ to DATA Valid, tRD
-
250
ns
ADDRESS Valid to DATA Valid, tACC
-
300
ns
READ Cycle Time, tCYC
400
-
ns
Read High Time, tRH
150
-
ns
RD High to Bus Three-State, tRH
-
25
ns
ADDRESS to READ Set Up Time, tAS
50
-
ns
ADDRESS HOLD Time After READ, tAR
0
-
ns
WRITE CYCLE TIMING
ADDRESS Valid to WRITE Strobe, tAD
50
-
ns
ADDRESS Hold Time for WRITE, tWA
0
-
ns
WRITE Pulse Width, Low, tWL
100
-
ns
WRITE High Time, tWH
300
-
ns
DATA IN to WRITE Set Up Time, tDW
100
-
ns
DATA IN Hold Time After WRITE, tWD
30
-
ns
WRITE Cycle Time, tCYC
400
-
ns
MULTIPLEXED MODE TIMING
ALE Pulse Width, High, tLL
50
-
ns
ADDRESS to ALE Set Up Time, tAL
30
-
ns
ADDRESS Hold Time After ALE, tLA
30
-
ns
Timing Diagrams
FIGURE 1. READ CYCLE TIMING FOR NON-MULTIPLEXED BUS (ALE = VIH, WR = VIH)
A0 - A4, CS
RD
D0 - D7
ADDRESS VALID, CS LOW
tAR
OUTPUT DATA VALID
tACC
tRD
tAS
tRX
tCYC
ICM7170


Similar Part No. - ICM7170AIBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
Rochester Electronics
ICM7170AIBG ROCHESTER-ICM7170AIBG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170AIBG RENESAS-ICM7170AIBG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
Rochester Electronics
ICM7170AIBGT ROCHESTER-ICM7170AIBGT Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
More results

Similar Description - ICM7170AIBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com