Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL232LBET Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL232LBET
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL232LBET Datasheet(HTML) 3 Page - Intersil Corporation

  ICL232LBET Datasheet HTML 1Page - Intersil Corporation ICL232LBET Datasheet HTML 2Page - Intersil Corporation ICL232LBET Datasheet HTML 3Page - Intersil Corporation ICL232LBET Datasheet HTML 4Page - Intersil Corporation ICL232LBET Datasheet HTML 5Page - Intersil Corporation ICL232LBET Datasheet HTML 6Page - Intersil Corporation ICL232LBET Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN3020.7
July 28, 2005
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) < VCC < 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . (VCC -0.3V) < V+ < 12V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . -12V < V- < (GND +0.3V)
Input Voltages
T1IN, T2IN . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VIN < (V+ +0.3V)
R1IN, R2IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30V
Output Voltages
T1OUT, T2OUT . . . . . . . . . . . . .(V- -0.3V) < VTXOUT < (V+ +0.3V)
R1OUT, R2OUT. . . . . . . . . (GND -0.3V) < VRXOUT < (VCC +0.3V)
Short Circuit Duration
T1OUT, T2OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
R1OUT, R2OUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Operating Conditions
Temperature Ranges
ICL232C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ICL232I. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
ICL232M. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
80
18
PDIP Package. . . . . . . . . . . . . . . . . . . .
100
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature
Plastic Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, TA = Operating Temperature Range. Test Circuit as in Figure 8 Unless
Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Transmitter Output Voltage Swing, TOUT
T1OUT and T2OUT Loaded with 3kΩ to
Ground
±5
±9
±10
V
Power Supply Current, ICC
Outputs Unloaded, TA = 25oC-
5
10
mA
TIN, Input Logic Low, VlL
--
0.8
V
TIN, Input Logic High, VlH
2.0
-
-
V
Logic Pullup Current, IP
T1IN, T2IN = 0V
-
15
200
µA
RS-232 Input Voltage Range, VIN
-30
-
+30
V
Receiver Input Impedance, RIN
VIN = ±3V
3.0
5.0
7.0
k
Receiver Input Low Threshold, VlN (H-L)
VCC = 5V, TA = 25oC0.8
1.2
-
V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V, TA = 25oC-
1.7
2.4
V
Receiver Input Hysteresis, VHYST
0.2
0.5
1.0
V
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 3.2mA
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1.0mA
3.5
4.6
-
V
Propagation Delay, tPD
RS-232 to TTL
-
0.5
-
µs
Instantaneous Slew Rate, SR
CL = 10pF, RL = 3kΩ, TA = 25oC
(Notes 2, 3)
--
30
V/
µs
Transition Region Slew Rate, SRT
RL = 3kΩ, CL = 2500pF Measured
from +3V to -3V or -3V to +3V
-3
-
V/
µs
Output Resistance, ROUT
VCC = V+ = V- = 0V, VOUT = ±2V
300
-
-
RS-232 Output Short Circuit Current, ISC
T1OUT or T2OUT Shorted to GND
-
±10
-
mA
NOTES:
2. Guaranteed by design.
3. See Figure 4 for definition.
ICL232
ICL232


Similar Part No. - ICL232LBET

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232lBET INTERSIL-ICL232lBET Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
More results

Similar Description - ICL232LBET

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Dallas Semiconductor
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com