Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1186K5-50L-U Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1186K5-50L-U
Description  1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1186K5-50L-U Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1186K5-50L-U Datasheet HTML 1Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 2Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 3Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 4Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 5Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 6Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 7Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 8Page - Diodes Incorporated AP1186K5-50L-U Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP1186
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1186 Rev. 1
7 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) TO220-5L
1186-XX
1186-XX: Voltage
1186-15: 1.5V
1186-18: 1.8V
1186-25: 2.5V
1186-33: 3.3V
1186-50: 5.0V
Logo
Internal code
Year:
( Top view )
"02" = 2002
"01" = 2001
XX XX X X
Xth week: 01~52
L: Lead Free Package
(2) TO263-5L
1186- XX
1186-XX: Voltage
1186-15: 1.5V
1186-18: 1.8V
1186-25: 2.5V
1186-33: 3.3V
1186-50: 5.0V
Logo
Internal Code
Xth Week: 01~52
Year:
(Top view)
"02" = 2002
"01" = 2001
X X X X X X
L: Lead Free Package


Similar Part No. - AP1186K5-50L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1186K5 ANACHIP-AP1186K5 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186K515 ANACHIP-AP1186K515 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186K515A ANACHIP-AP1186K515A Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186K515L ANACHIP-AP1186K515L Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186K515LA ANACHIP-AP1186K515LA Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - AP1186K5-50L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com