Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1609 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1609
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1609 Datasheet HTML 1Page - Diodes Incorporated AP1609 Datasheet HTML 2Page - Diodes Incorporated AP1609 Datasheet HTML 3Page - Diodes Incorporated AP1609 Datasheet HTML 4Page - Diodes Incorporated AP1609 Datasheet HTML 5Page - Diodes Incorporated AP1609 Datasheet HTML 6Page - Diodes Incorporated AP1609 Datasheet HTML 7Page - Diodes Incorporated AP1609 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
1 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Input Voltage Range: 2.5~6V
Output Voltage Range: 3.0~17V (±2.5%)
PWM/PFM Switching Control
Oscillator Frequency: 300KHz (±20%)
High Efficiency: 91% (Typ.)
Stand-by Current: ISTB 1 = µA (Typ.)
Built-in internal N-Channel MOS
Lead-Free and Green Package: SOP-8L
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
The AP1609 is a high efficient step-up DC/DC converter. Large
output current is possible having a built in internal N channel
MOSFET, and using an external coil and diode.
Output voltage is programmable with 1.23V of standard voltage
supply internal, and using externally connected components,
output voltage (FB) can be set up at will.
With a 300KHz switching frequency, the size of the external
components can be reduced. Control switches from PFM to PWM
during light loads with the AP1609 (PWM/PFM switchable) and
the series are highly efficient from light loads to large output
currents.
During stand-by time (CE pin “Low”), current consumption is
reduced to 1µA.
Electronic Information Organizers
Palmtops
Cellular and Portable Phones
Portable Audio Systems
Various Multi-Function Power Supplies
AP1609 X X X
Package
Packing
- U : Tube
-13 : Taping
S : SOP-8L
Lead-Free
L : Lead-Free
G : Green
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1609S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP1609

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609SL-13 DIODES-AP1609SL-13 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
More results

Similar Description - AP1609

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com