Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1605SL-U Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1605SL-U
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605SL-U Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1605SL-U Datasheet HTML 1Page - Diodes Incorporated AP1605SL-U Datasheet HTML 2Page - Diodes Incorporated AP1605SL-U Datasheet HTML 3Page - Diodes Incorporated AP1605SL-U Datasheet HTML 4Page - Diodes Incorporated AP1605SL-U Datasheet HTML 5Page - Diodes Incorporated AP1605SL-U Datasheet HTML 6Page - Diodes Incorporated AP1605SL-U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
6 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOP-8L
( Top View )
Logo
Part no.
Internal code
Year: "01" =2001
"02" =2002
Xth week: 01~52
1
4
8
5
AP1605
YY WW X X
L : Lead Free Package
G: Green Package
Device
Package
Identification Code
AP1605S
SOP-8L
AP1605
Package Information
( All Dimensions in mm )
Package Type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.80/5.30
7°~9°
3.70/4.10
0.38/1.27
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"


Similar Part No. - AP1605SL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1605SL-13 DIODES-AP1605SL-13 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
More results

Similar Description - AP1605SL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
   PWM/PFM Dual-mode Step-Down Switching Regulator
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 DIODES-AP1605_09 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com