Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-82C37ARH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C37ARH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS-82C37ARH_00 Datasheet HTML 6Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 7Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 8Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 9Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 10Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 11Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 12Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 13Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
HS-82C37ARH 42 LEAD CERAMIC FLATPACK
HS-82C37ARH 42 LEAD CERAMIC FLATPACK
STATIC CONFIGURATION
NOTES:
15. VDD = +6.0V
±5%Part is Static Sensitive
16. TA = 125
oC MinimumVoltage Must be Ramped
17. Resistors:
R1 = 10k
Ω±10% (Pins 6, 7, 11-13, 16-19)
R2 = 2.7k
Ω±5% (Pins 1, 2, 21-23, 26-30, 32-36)
START-UP TIMING
NOTES:
18. F0 is 50% duty cycle square wave pulse burst.
19. 1.0kHz
≤ F0 ≤ 100kHzF0 is left High after pulse burst
20. 10 cycles
≤ F0 Pulse Burst ≤ 1.0s
21. F1 = Single pulse with width equal to 2 cycles of F0
22. F1 is left Low after pulse burst
23. F1 pulse occurs after start of F0 and ends before F0.
Input levels: 0.9VDD
≤ VIH ≤ VDD, -0.3V ≤ VIL ≤ 0.7V
DYNAMIC CONFIGURATION
NOTES:
24. VDD = 6.5V
±5% (Burn-In)
25. VDD = 6.0V
±5% (Life Test)
26. TA = 125
oC Minimum
27. Part is Static Sensitive, Voltage Must be Ramped
28. Resistors:
R1 = 10k
Ω±10% (Pins 6, 7, 11-13, 16-19)
R2 = 2.7k
Ω±10% (Pins 1, 2, 21-23, 26-30, 32-36, and LOADS)
Burn-In Circuits (Continued)
VDD
1
2
3
4
5
6
7
8
9
21
13
10
11
12
14
15
16
17
18
19
20
37
38
39
40
41
42
35
34
33
32
31
28
29
30
36
26
23
24
25
22
27
F0
F1
LOAD
2.7k
2.7k
VDD
1
2
3
4
5
6
7
8
9
21
13
10
11
12
14
15
16
17
18
19
20
37
38
39
40
41
42
35
34
33
32
31
28
29
30
36
26
23
24
25
22
27
F0
LOAD
F0
F5
F1
F2
F3
F4
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
OPEN
OPEN
OPEN
VDD
LOAD
LOAD
LOAD
LOAD
LOAD
LOAD
F5
F4
F3
F2
F1
F0
F0
F1
HS-82C37ARH


Similar Part No. - HS-82C37ARH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS-82C37ARH_00

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com