Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-82C54RH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS-82C54RH
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C54RH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS-82C54RH Datasheet HTML 6Page - Intersil Corporation HS-82C54RH Datasheet HTML 7Page - Intersil Corporation HS-82C54RH Datasheet HTML 8Page - Intersil Corporation HS-82C54RH Datasheet HTML 9Page - Intersil Corporation HS-82C54RH Datasheet HTML 10Page - Intersil Corporation HS-82C54RH Datasheet HTML 11Page - Intersil Corporation HS-82C54RH Datasheet HTML 12Page - Intersil Corporation HS-82C54RH Datasheet HTML 13Page - Intersil Corporation HS-82C54RH Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Commands, one for each Counter latched. Each Counter’s
latched count is held until it is read (or the Counter is
reprogrammed). That Counter is automatically unlatched
when read, but other Counters remain latched until they are
read. If multiple count Read-Back Commands are issued to
the same Counter without reading the count, all but the first
are ignored; i.e., the count which will be read is the count at
the time the first Read-Back Command was issued.
The Read-Back Command may also be used to latch status
information of selected Counter(s) by setting STATUS bit
D4 = 0. Status must be latched to be read; status of a
Counter is accessed by a read from that Counter.
The Counter status format is shown in Figure 13. Bits D5
through D0 contain the Counter’s programmed Mode exactly
as written in the last Mode Control Word. OUTPUT bit D7
contains the current state of the OUT pin. This allows the
user to monitor the Counter’s output via software, possibly
eliminating some hardware from a system.
NULL COUNT bit D6 indicates when the last count written to
the Counter Register (CR) has been loaded into the
Counting Element (CE). The exact time this happens
depends on the Mode of the Counter and is described in the
Mode Definitions, but until the count is loaded into the
Counting Element (CE), it can’t be read from the Counter. If
the count is latched or read before this time, the count value
will not reflect the new count just written. The operation of
Null Count is shown in Figure 14.
If multiple status latch operations of the Counter(s) are
performed without reading the status, all but the first are
ignored; i.e., the status that will be read is the status of the
Counter at the time the first status Read-Back Command
was issued.
Both count and status of the selected Counter(s) may be
latched simultaneously by setting both COUNT and STATUS
bits D5, D4 = 0. This is functionally the same as issuing two
separate Read-Back Commands at once, and the above
discussions apply here also. Specifically, if multiple count
and/or status Read-Back Commands are issued to the same
Counter(s) without any intervening reads, all but the first are
ignored. This is illustrated in Figure 15.
If both count and status of a Counter are latched, the first
read operation of that Counter will return latched status,
regardless of which was latched first. The next one or two
reads (depending on whether the Counter is programmed for
one or two byte counts) return latched count. Subsequent
reads return unlatched count.
D7
D6
D5
D4
D3
D2
D1
D0
OUT
PUT
NULL
COUNT
RW1
RW0
M2
M1
M0
BCD
D7 1 = Out Pin is 1
0 = Out pin is 0
D6 1 = Null count
0 = Count available for reading
D5-D0 = Counter programmed mode (See Figure 5)
FIGURE 13. STATUS BYTE
THIS ACTION:
CAUSES:
A. Write to the Control Word Register: (Note 17)
Null Count = 1
B. Write to the Count Register (CR): (Note 18)
Null Count = 1
C. New count is loaded into CE (CR
→ CE):
Null Count = 0
NOTES:
17. Only the Counter specified by the Control Word will have its Null
Count set to 1. Null Count bits of other Counters are unaffected.
18. If the Counter is programmed for two-byte counts (least
significant byte then most significant byte) Null Count goes to 1
when the second byte is written.
FIGURE 14. NULL COUNT OPERATION
COMMAND
DESCRIPTION
RESULT
D7
D6
D5
D4
D3
D2
D1
D0
11000010
Read back count and status of
Counter 0
Count and status latched for Counter 0
11100100
Read-back status of Counter 1
Status latched for Counter 1
11101100
Read-back status of Counters 2, 1
Status latched for Counter 2, but not
Counter 1
11011000
Read-back count of Counter 2
Count latched for Counter 2
11000100
Read-back count and status of Counter 1
Count latched for Counter 1, but not status
11100100
Read-back status of Counter 1
Command ignored, status already latched
for Counter 1
FIGURE 15. READ-BACK COMMAND EXAMPLE
HS-82C54RH


Similar Part No. - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com