Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-246RH-8 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS9-246RH-8
Description  Radiation Hardened Triple Line Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-246RH-8 Datasheet(HTML) 7 Page - Intersil Corporation

  HS9-246RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 2Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 3Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 4Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 5Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 6Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 7Page - Intersil Corporation HS9-246RH-8 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Die Characteristics
DIE DIMENSIONS:
45 mils x 45 mils x 11 mils
1140
µm x 1140µm x 280µm
INTERFACE MATERIALS:
Glassivation:
Type: Silox
Thickness: 8k
Å ±1kÅ
Top Metallization:
Type: Aluminum
Thickness: 12.5k
Å ±2kÅ
Substrate:
HFSB Bipolar/Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased
ADDITIONAL INFORMATION:
Worst Case Current Density:
7.8 x 104 A/cm2
Transistor Count:
6
Metallization Mask Layout
HS-245RH
OUTPUT f2
INPUT f2
INPUT f1
OUTPUT f2
OUTPUT f1
INPUT f1
HS-245RH, HS-246RH, HS-248RH


Similar Part No. - HS9-246RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-246RH-8 INTERSIL-HS9-246RH-8 Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS9-246RH-8 RENESAS-HS9-246RH-8 Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - HS9-246RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com