Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-81C56RH-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-81C56RH-8
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-81C56RH-8 Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-81C56RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 2Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 3Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 4Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 5Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 6Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 7Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 8Page - Intersil Corporation HS9-81C56RH-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TM
File Number
3039.2
HS-81C55RH, HS-81C56RH
Radiation Hardened 256 x 8 CMOS RAM
The HS-81C55/56RH are radiation hardened RAM and I/O
chips fabricated using the Intersil radiation hardened Self-
Aligned Junction Isolated (SAJI) silicon gate technology.
Latch-up free operation is achieved by the use of epitaxial
starting material to eliminate the parasitic SCR effect seen in
conventional bulk CMOS devices.
The HS-81C55/56RH is intended for use with the
HS-80C85RH radiation hardened microprocessor system.
The RAM portion is designed as 2048 static cells organized
as 256 x 8. A maximum post irradiation access time of
500ns allows the HS-81C55/56RH to be used with the
HS-80C85RH CPU without any wait states. The
HS-81C55RH requires an active low chip enable while the
HS-81C56RH requires an active high chip enable. These
chips are designed for operation utilizing a single 5V power
supply.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96766. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-96766
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened EPI-CMOS
- Total Dose . . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
- Transient Upset . . . . . . . . . . . . . . . . . .>1 x 108 rad(Si)/s
- Latch-Up Free . . . . . . . . . . . . . . . . . . >1 x 1012 rad(Si)/s
• Electrically Equivalent to Sandia SA 3001
• Pin Compatible with Intel 8155/56
• Bus Compatible with HS-80C85RH
• Single 5V Power Supply
• Low Standby Current . . . . . . . . . . . . . . . . . . . .200
µA Max
• Low Operating Current . . . . . . . . . . . . . . . . . . . . 2mA/MHz
• Completely Static Design
• Internal Address Latches
• Two Programmable 8-Bit I/O Ports
• One Programmable 6-Bit I/O Port
• Programmable 14-Bit Binary Counter/Timer
• Multiplexed Address and Data Bus
• Self Aligned Junction Isolated (SAJI) Process
• Military Temperature Range . . . . . . . . . . . -55oC to 125oC
Functional Diagram
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9676601QXC
HS1-81C55RH-8
-55 to 125
5962R9676601QYC
HS9-81C55RH-8
-55 to 125
5962R9676601VXC
HS1-81C55RH-Q
-55 to 125
5962R9676601VYC
HS9-81C55RH-Q
-55 to 125
5962R9676602QXC
HS1-81C56RH-8
-55 to 125
5962R9676602QYC
HS9-81C56RH-8
-55 to 125
5962R9676602VXC
HS1-81C56RH-Q
-55 to 125
5962R9676602VYC
HS9-81C56RH-Q
-55 to 125
256 x 8
STATIC
RAM
A
B
C
TIMER
IO/M
AD0 - AD7
CE OR CE
ALE
RD
WR
RESET
TIMER CLK
TIMER OUT
8
PA0 - PA7
PORT A
8
PB0 - PB7
PORT B
8
PC0 - PC5
PORT C
VDD (10V)
GND
81C55RH = CE
81C56RH = CE
Data Sheet
August 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright © Intersil Corporation 2000


Similar Part No. - HS9-81C56RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-81C56RH INTERSIL-HS9-81C56RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
More results

Similar Description - HS9-81C56RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com