Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL7104-16CPL Datasheet(PDF) 10 Page - Intersil Corporation

Part # LCL7104-16CPL
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL7104-16CPL Datasheet(HTML) 10 Page - Intersil Corporation

Back Button LCL7104-16CPL Datasheet HTML 6Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 7Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 8Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 9Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 10Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 11Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 12Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 13Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Buffer Gain
At the end of the auto-zero interval, the instantaneous noise
voltage on the auto-zero capacitor is stored, and subtracts from
the input voltage while adding to the reference voltage during
the next cycle. The result is that this noise voltage effectively is
somewhat greater than the input noise voltage of the buffer
itself during integration. By introducing some voltage gain into
the buffer, the effect of the auto-zero noise (referred to the
input) can be reduced to the level of the inherent buffer noise.
This generally occurs with a buffer gain of between 3 and 10.
Further increase in buffer gain merely increases the total offset
to be handled by the auto-zero loop, and reduces the available
buffer and integrator swings, without improving the noise per-
formance of the system. The circuit recommended for doing
this with the ICL8068/ICL7104 is shown in Figure 7. With care-
ful layout, the circuit shown can achieve effective input noise
voltages on the order of 1 to 2
µV, allowing full 16-bit use with
full scale inputs of a low as 150mV. Note that at this level, ther-
moelectric EMFs between PC boards, IC pins, etc., due to local
temperature changes can be very troublesome. For further dis-
cussion, see Application Note AN030.
ICL8052 vs ICL8068
The ICL8052 offers significantly lower input leakage currents
than the ICL8068, and may be found preferable in systems
with high input impedances. However, the ICL8068 has
substantially lower noise voltage, and for systems where
system noise is a limiting factor, particularly in low signal
level conditions, will give better performance.
Component Value Selection
For optimum performance of the analog section, care must
be taken in the selection of values for the integrator capaci-
tor and resistor, auto-zero capacitor, reference voltage, and
conversion rate. These values must be chosen to suit the
particular application.
FIGURE 6D. PHASE III DEINTEGRATE
A2
+
-
A3
+
-
INTEGRATOR
COMP.
A1
+
-
BUFFER
CINT
1
RINT
CAZ
ZERO
CROSS.
DET.
POL
CL
2
3
6
7
8
9
-AN
I/P
CL
ZERO
CROSSING
F/F
Q
D
VREF
CREF
- +
4
TABLE 3. THREE-STATE BYTE FORMATS AND ENABLE PINS
CE/LD
HBEN
MBEN
LBEN
ICL7104-16 POL O/R
B16
B15
B14
B13
B12
B11
B10
B9B8B7B6B5B4B3B2B1
HBEN
LBEN
ICL7104-14
POL O/R
B14
B13
B12
B11
B10
B9B8B7B6B5B4B3B2B1
TABLE 4. TYPICAL COMPONENT VALUES (V++ = +15V, V+ = 5V, V- = 5V, V- = -15V, fCLOCK = 200kHz)
ICL8052/8068 WITH
ICL7104-16
ICL7104-14
UNIT
Full scale VIN
200
800
4000
100
4000
mV
Buffer Gain
10
1
1
10
1
V/V
RINT
100
43
200
47
180
k
CINT
0.33
0.33
0.33
0.1
0.1
µF
CAZ
11111
µF
CREF
10
1
1
10
1
µF
VREF
100
400
2000
50
2000
mV
Resolution
3.1
12
61
6.1
244
µV
ICL7104


Similar Part No. - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCL7104-16CPL INTERSIL-LCL7104-16CPL Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
More results

Similar Description - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com