Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127 Datasheet(PDF) 9 Page - Intersil Corporation

Part # 127
Description  Ultra High Frequency Transistor Arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

127 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 127 Datasheet HTML 5Page - Intersil Corporation 127 Datasheet HTML 6Page - Intersil Corporation 127 Datasheet HTML 7Page - Intersil Corporation 127 Datasheet HTML 8Page - Intersil Corporation 127 Datasheet HTML 9Page - Intersil Corporation 127 Datasheet HTML 10Page - Intersil Corporation 127 Datasheet HTML 11Page - Intersil Corporation 127 Datasheet HTML 12Page - Intersil Corporation 127 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN3076.13
December 21, 2005
FIGURE 3. NPN DC CURRENT GAIN vs COLLECTOR CURRENT
FIGURE 4. NPN GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT (UHF 3 x 50 WITH BOND PADS)
FIGURE 5. PNP COLLECTOR CURRENT vs COLLECTOR TO
EMITTER VOLTAGE
FIGURE 6. PNP COLLECTOR CURRENT AND BASE
CURRENT vs BASE TO EMITTER VOLTAGE
FIGURE 7. PNP DC CURRENT GAIN vs COLLECTOR
CURRENT
FIGURE 8. PNP GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT (UHF 3 x 50 WITH BOND PADS)
Typical Performance Curves (Continued)
COLLECTOR CURRENT (A)
VCE = 3V
160
140
120
1
µ
100
80
60
40
20
0
10
µ
100
µ
1m
10m
100m
COLLECTOR CURRENT (mA)
VCE = 1V
1.0
10
100
10.0
8.0
6.0
0.1
VCE = 5V
VCE = 3V
4.0
2.0
0
IB = -400µA
COLLECTOR TO EMITTER VOLTAGE (V)
IB = -80µA
-1
-2
-3
-4
-5
0
-25
-20
-15
-10
-5
0
IB = -320µA
IB = -240µA
IB = -160µA
BASE TO EMITTER VOLTAGE (V)
IB
VCE = -3V
-0.6
-0.7
-0.8
-0.9
-1.0
-100m
-10m
-1m
-100
µ
IC
-0.5
-10
µ
-1
µ
-100n
-10n
-1n
COLLECTOR CURRENT (A)
160
140
120
-1
µ
100
80
60
40
20
0
-10
µ
-100
µ
-1m
-10m
-100m
VCE = -3V
COLLECTOR CURRENT (mA)
VCE = -5V
5.0
4.0
3.0
2.0
1.0
-0.1
-1.0
-10
-100
VCE = -3V
VCE = -1V
HFA3046, HFA3096, HFA3127, HFA3128


Similar Part No. - 127

ManufacturerPart #DatasheetDescription
logo
Heyco.
127 HEYCO-127 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
   Ultra High Frequency Transistor Arrays
October 1998
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
   Ultra High Frequency Transistor Arrays
Jan 24, 2019
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
   Ultra High Frequency Transistor Arrays
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
logo
Rohm
DAN212KT146 ROHM-DAN212KT146 Datasheet
51Kb / 3P
   Ultra high-speed switching diode arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com