Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127 Datasheet(PDF) 1 Page - Intersil Corporation

Part # 127
Description  Ultra High Frequency Transistor Arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

127 Datasheet(HTML) 1 Page - Intersil Corporation

  127 Datasheet HTML 1Page - Intersil Corporation 127 Datasheet HTML 2Page - Intersil Corporation 127 Datasheet HTML 3Page - Intersil Corporation 127 Datasheet HTML 4Page - Intersil Corporation 127 Datasheet HTML 5Page - Intersil Corporation 127 Datasheet HTML 6Page - Intersil Corporation 127 Datasheet HTML 7Page - Intersil Corporation 127 Datasheet HTML 8Page - Intersil Corporation 127 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN3076.13
HFA3046, HFA3096, HFA3127, HFA3128
Ultra High Frequency Transistor Arrays
The HFA3046, HFA3096, HFA3127 and the HFA3128 are
Ultra High Frequency Transistor Arrays that are fabricated
from Intersil Corporation’s complementary bipolar UHF-1
process. Each array consists of five dielectrically isolated
transistors on a common monolithic substrate. The NPN
transistors exhibit a fT of 8GHz while the PNP transistors
provide a fT of 5.5GHz. Both types exhibit low noise (3.5dB),
making them ideal for high frequency amplifier and mixer
applications.
The HFA3046 and HFA3127 are all NPN arrays while the
HFA3128 has all PNP transistors. The HFA3096 is an
NPN-PNP combination. Access is provided to each of the
terminals for the individual transistors for maximum
application flexibility. Monolithic construction of these
transistor arrays provides close electrical and thermal
matching of the five transistors.
Intersil provides an Application Note illustrating the use of
these devices as RF amplifiers. For more information, visit
our website at www.intersil.com.
Features
• NPN Transistor (fT) . . . . . . . . . . . . . . . . . . . . . . . . . 8GHz
• NPN Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . 130
• NPN Early Voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . 50V
• PNP Transistor (fT). . . . . . . . . . . . . . . . . . . . . . . . . 5.5GHz
• PNP Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . . 60
• PNP Early Voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . .20V
• Noise Figure (50
Ω) at 1.0GHz . . . . . . . . . . . . . . . . . 3.5dB
• Collector to Collector Leakage . . . . . . . . . . . . . . . . . .<1pA
• Complete Isolation Between Transistors
• Pin Compatible with Industry Standard 3XXX Series
Arrays
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• VHF/UHF Amplifiers
•VHF/UHF Mixers
• IF Converters
• Synchronous Detectors
Ordering Information
PART NUMBER*
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
HFA3046B
HFA3046B
-55 to 125
14 Ld SOIC
M14.15
HFA3046BZ (Note)
HFA3046BZ
-55 to 125
14 Ld SOIC (Pb-free)
M14.15
HFA3096B
HFA3096B
-55 to 125
16 Ld SOIC
M16.15
HFA3096BZ (Note)
HFA3096BZ
-55 to 125
16 Ld SOIC (Pb-free)
M16.15
HFA3127B
HFA3127B
-55 to 125
16 Ld SOIC
M16.15
HFA3127BZ (Note)
HFA3127BZ
-55 to 125
16 Ld SOIC (Pb-free)
M16.15
HFA3127R
127
-55 to 125
16 Ld 3x3 QFN
L16.3x3
HFA3127RZ (Note)
127Z
-55 to 125
16 Ld 3x3 QFN (Pb-free)
L16.3x3
HFA3128B
HFA3128B
-55 to 125
16 Ld SOIC
M16.15
HFA3128BZ (Note)
HFA3128BZ
-55 to 125
16 Ld SOIC (Pb-free)
M16.15
HFA3128R
128
-55 to 125
16 Ld 3x3 QFN
L16.3x3
HFA3128RZ (Note)
128Z
-55 to 125
16 Ld 3x3 QFN (Pb-free)
L16.3x3
*Add “96” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1998, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
December 21, 2005


Similar Part No. - 127

ManufacturerPart #DatasheetDescription
logo
Heyco.
127 HEYCO-127 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
   Ultra High Frequency Transistor Arrays
October 1998
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
   Ultra High Frequency Transistor Arrays
Jan 24, 2019
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
   Ultra High Frequency Transistor Arrays
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
logo
Rohm
DAN212KT146 ROHM-DAN212KT146 Datasheet
51Kb / 3P
   Ultra high-speed switching diode arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com