Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP34063N8L-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP34063N8L-13
Description  UNIVERSAL DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063N8L-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP34063N8L-13 Datasheet HTML 1Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 2Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 3Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 4Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 5Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 6Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 7Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 8Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
5 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Application Circuit
(1) Step-Up Converter
1.25V
Ref
Reg
Ipk
CT
R
SQ
Q2
Q1
Comp.
+
_
8
7
6
5
1
2
3
4
VCC
Osc
180
+
470
uF
Vin
12V
Rsc
0.24
R1
10k 56k
R2
+
CO
28V/200mA
Vout
+
100
Vout
Optional Filter
L
120uH
CT
680
pF
1N5819
470uF
1.0uH
Test
Conditions
Results
Line Regulation
Vin = 9V to 12V, IO = 200mA
20mV =
±0.035%
Load Regulation
Vin = 12V, IO = 50mA to 200mA
15mV =
±0.035%
Output Ripple
Vin = 12V, IO = 200mA
500mVPP
Efficiency
Vin = 12V, IO = 200mA
80%


Similar Part No. - AP34063N8L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063N8L-U DIODES-AP34063N8L-U Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
More results

Similar Description - AP34063N8L-13

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
   UNIVERSAL DC/DC CONVERTER
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com