Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3306C Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3306C
Description  6-Bit, 15 MSPS, Flash A/D Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306C Datasheet(HTML) 3 Page - Intersil Corporation

  CA3306C Datasheet HTML 1Page - Intersil Corporation CA3306C Datasheet HTML 2Page - Intersil Corporation CA3306C Datasheet HTML 3Page - Intersil Corporation CA3306C Datasheet HTML 4Page - Intersil Corporation CA3306C Datasheet HTML 5Page - Intersil Corporation CA3306C Datasheet HTML 6Page - Intersil Corporation CA3306C Datasheet HTML 7Page - Intersil Corporation CA3306C Datasheet HTML 8Page - Intersil Corporation CA3306C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, VDD
Voltage Referenced to VSS Terminal . . . . . . . . . . . -0.5V to +8.5V
Input Voltage Range
All Inputs Except Zener. . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
DC Input Current
CLK, PH, CE1, CE2, VIN . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 8V
Temperature Range (TA)
Ceramic Package (D Suffix) . . . . . . . . . . . . . . . . . -55oC to 125oC
Plastic Package (E or M Suffix) . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package. . . . . . . . . . . . . . . . . . . .
75
24
PDIP Package . . . . . . . . . . . . . . . . . . . . .
95
N/A
SOIC Package. . . . . . . . . . . . . . . . . . . . .
115
N/A
CLCC Package . . . . . . . . . . . . . . . . . . . .
80
28
Maximum Junction Temperature
Hermetic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V
DD = 5V, VREF+ = 4.8V, VSS = VREF- = GND, Clock = 15MHz Square Wave for CA3306
or CA3306A, 10MHz for CA3306C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Resolution
6-
-
Bits
Integral Linearity Error, INL
CA3306, CA3306C
-
±0.25
±0.5
LSB
CA3306A
-
±0.2
±0.25
LSB
Differential Linearity Error,
DNL
CA3306, CA3306C
-
±0.25
±0.5
LSB
CA3306A
-
±0.2
±0.25
LSB
Offset Error (Unadjusted)
CA3306, CA3306C (Note 1)
-
±0.5
±1LSB
CA3306A
-
±0.25
±0.5
LSB
Gain Error (Unadjusted)
CA3306, CA3306C (Note 2)
-
±0.5
±1LSB
CA3306A
-
±0.25
±0.5
LSB
Gain Temperature Coefficient
-
+0.1
-
mV/oC
Offset Temperature Coefficient
-
-0.1
-
mV/oC
DYNAMIC CHARACTERISTICS (Input Signal Level 0.5dB Below Full Scale)
Maximum Conversion Speed
CA3306C
10
13
-
MSPS
CA3306, CA3306A
15
20
-
MSPS
Maximum Conversion Speed
CA3306C
(Note 4)
φ1, φ2 ≥ Minimum
12
-
-
MSPS
CA3306, CA3306A
18
-
-
MSPS
Allowable Input Bandwidth
(Note 4)
DC
-
fCLOCK/2
MHz
-3dB Input Bandwidth
-30-
MHz
Signal to Noise Ratio, SNR
fS = 15MHz, fIN = 100kHz
-
34.6
-
dB
fS = 15MHz, fIN = 5MHz
-
33.4
-
dB
Signal to Noise Ratio, SINAD
fS = 15MHz, fIN = 100kHz
-
34.2
-
dB
fS = 15MHz, fIN = 5MHz
-
29.0
-
dB
Total Harmonic Distortion, THD
fS = 15MHz, fIN = 100kHz
-
-46.0
-
dBc
fS = 15MHz, fIN = 5MHz
-
-30.0
-
dBc
Effective Number of Bits, ENOB
fS = 15MHz, fIN = 100kHz
-
5.5
-
Bits
fS = 15MHz, fIN = 5MHz
-
4.5
-
Bits
=
RMSSign al
RMSNoise
--------------------------------
=
RMSSign al
RMSNo ise+Distortion
------------------------------------------------------------
CA3306, CA3306A, CA3306C


Similar Part No. - CA3306C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3306C INTERSIL-CA3306C Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306CD INTERSIL-CA3306CD Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306CE INTERSIL-CA3306CE Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306CM INTERSIL-CA3306CM Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
More results

Similar Description - CA3306C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com